Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YSESD9D3 Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce YSESD9D3
Description  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD9D3 Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSESD9D3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD9D3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD9D3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20121119
H
YSESD9D3.3CT5G
Transient Voltage Suppressors for ESD Protection
General Description
The
YSESD9D3.3CT5G is designed to protect voltage
sensitive components from ESD and transient voltage
events. Excellent clamping capability, low leakage, and
fast response time, make these parts ideal for ESD
protection on designs where board space is at a
premium. Because of its small size, it is suited for use
in cellular phones, MP3 players, digital cameras and
many other portable applications where board space is
at a premium.
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies
Features
Small Body Outline Dimensions
Low Body Height
Peak Power up to 150 Watts @ 8 x 20 μs
Pulse
Low Leakage current
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human
Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 Level 4 EFT Protection
SOD-923
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp = 8/20 s)
μ
150
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +155
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
IEC61000-4-2 (ESD)
air discharge
±
15
KV
contact discharge
±
8
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
16
KV
Shipping
8000/Tape&Reel
YSESD9D3.3CT5G
Ordering information
Device
Marking
B


Numéro de pièce similaire - YSESD9D3

FabricantNo de pièceFiches techniqueDescription
logo
Yea Shin Technology Co....
YSESD9D3.3CT5G YEASHIN-YSESD9D3.3CT5G Datasheet
277Kb / 3P
   Transient Voltage Suppressors for ESD Protection
More results

Description similaire - YSESD9D3

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com