Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LK10051R0M-T Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce LK10051R0M-T
Description  Multilayer Chip Inductors (LK series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK10051R0M-T Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK10051R0M-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors (LK series)
LK10051R0M-T
Features
Item Summary
1.0μH(±20%), 20mA, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Inductance
1.0μH(±20%)
Inductance Measuring Frequency
10MHz
Rated Current
20mA
DC Resistance (max)
0.64Ω
Self-resonant Frequency (min)
60MHz
Q (min)
20min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
H
0.5mm ±0.05
e
0.25mm ±0.10
2015.04.02
1 / 1


Numéro de pièce similaire - LK10051R0M-T

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LK10051R0M-T TAIYO-YUDEN-LK10051R0M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK10051R0M-T8 TAIYO-YUDEN-LK10051R0M-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
LK10051R0M-TV TAIYO-YUDEN-LK10051R0M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R0M-T TAIYO-YUDEN-LK10051R0M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

Description similaire - LK10051R0M-T

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LK1005R33M-T TAIYO-YUDEN-LK1005R33M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16081R2M-T TAIYO-YUDEN-LK16081R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125R82K-T TAIYO-YUDEN-LK2125R82K-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16083R3K-T TAIYO-YUDEN-LK16083R3K-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125100M-T TAIYO-YUDEN-LK2125100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125120K-T TAIYO-YUDEN-LK2125120K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1608120K-T TAIYO-YUDEN-LK1608120K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21253R3K-T TAIYO-YUDEN-LK21253R3K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21258R2K-T TAIYO-YUDEN-LK21258R2K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R12K-T TAIYO-YUDEN-LK2125R12K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R27M-T TAIYO-YUDEN-LK2125R27M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com