Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR821 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADR821
Description  Low Power, Precision Reference and Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR821 Fiches technique(HTML) 2 Page - Analog Devices

  ADR821_15 Datasheet HTML 1Page - Analog Devices ADR821_15 Datasheet HTML 2Page - Analog Devices ADR821_15 Datasheet HTML 3Page - Analog Devices ADR821_15 Datasheet HTML 4Page - Analog Devices ADR821_15 Datasheet HTML 5Page - Analog Devices ADR821_15 Datasheet HTML 6Page - Analog Devices ADR821_15 Datasheet HTML 7Page - Analog Devices ADR821_15 Datasheet HTML 8Page - Analog Devices ADR821_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADR821 Electrical Characteristics—Reference ....................... 3
ADR821 Electrical Characteristics—Amplifier
(VS = ±2.8 V)................................................................................. 4
ADR821 Electrical Characteristics—Amplifier
(VS = ±15 V).................................................................................. 5
ADR827 Electrical Characteristics—Reference ....................... 6
ADR827 Electrical Characteristics—Amplifier
(VS = ±2.7 V)................................................................................. 7
ADR827 Electrical Characteristics—Amplifier
(VS = ±15 V).................................................................................. 8
Absolute Maximum Ratings ............................................................9
Thermal Resistance .......................................................................9
ESD Caution...................................................................................9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Reference ..................................................................................... 11
Amplifier (AD821/AD827)....................................................... 15
Applications Information .............................................................. 18
+2.5 V and −2.5 V Outputs (ADR821) ................................... 18
2.5 V and 5.0 V Outputs (ADR821)......................................... 18
Multiple 2.5 V Outputs (ADR821)........................................... 18
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
10/07—Revision 0: Initial
Version


Numéro de pièce similaire - ADR821_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR821ARMZ AD-ADR821ARMZ Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-R21 AD-ADR821ARMZ-R21 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-REEL71 AD-ADR821ARMZ-REEL71 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821BRMZ AD-ADR821BRMZ Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821BRMZ-R21 AD-ADR821BRMZ-R21 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
More results

Description similaire - ADR821_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR827 AD-ADR827_15 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
   Low Power Op Amp and Reference
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com