Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4558DY-HF Fiches technique(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce SI4558DY-HF
Description  Complementary Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4558DY-HF Fiches technique(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4558DY-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY-HF Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-MOSFET Typical Characterisitics
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
r
e
w
o
P
e
s
l
u
P
e
l
g
n
i
S
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
TJ – Temperature (。
)
c
e
s
(
e
m
i
T
)
C
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
0
50
100
150
0
0.02
0.04
0.06
0.08
0.10
0
2
4
6
8
10
TJ = 150。C
TJ = 25 C
2
1
0.1
0.01
ID = 6 A
ID = 250 A
0
0.4
10
0.6
0.8
1.0
1.4
1
10–3
10–2
1
10
30
10–1
10–4
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 52 C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0
8
16
24
32
40
0.01
0.1
1
10
30
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
30
1.2
0.2
Complementary Trench MOSFET
SI4558DY-HF (KI4558DY-HF)


Numéro de pièce similaire - SI4558DY-HF

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI4558DY-T1-E3 VBSEMI-SI4558DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Description similaire - SI4558DY-HF

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com