Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS-1 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce TPS-1
Description  Single Chip Interface Solution for PROFINET IO Devices
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TPS-1 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  TPS-1_15 Datasheet HTML 1Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 2Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 3Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 4Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 5Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 6Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 7Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 8Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPS-1
PIN IDENTIFICATION
R19DS0069EJ0103 Rev. 1.03
page 3 of 37
Jul 17, 2014
PIN IDENTIFICATION
SPI Master for Boot Flash ROM
CS_FLASH_OUT
: FW Flash: Chip Select
SPI3_SCLK_OUT
: FW Flash: CLOCK
SPI3_SRXD_IN
: FW Flash: Receive Data – MISO
SPI3_STXD_OUT : FW Flash: Send Data – MOSI
Synchronisation signals
TEST_SYNC
: Clock signal for certification
T(6:1)
: Clock signals(6:1) (isochronous
mode, IRT)
LED signals device status PROFINET IO
LED_BF_OUT
: Control LED „Bus Failure“
LED_SF_OUT
: Control LED „System Fail“
LED_READY_OUT: Control LED „Device Ready“
LED_MT_OUT
: Control LED „Maintenance“
PHY Port 1 and 2
I2C_(2:1)_D_INOUT
: FO I2C-Bus “Data”
SCLK_(2:1)_INOUT
:FO I2C-Bus “Clock”
LINK_PHY(2:1)
: Ethernet LINK indication (up or
down)
ACT_PHY(2:1)
: Activity Ethernet
P(2:1)_TX_P
: Ethernet Transmit Data (positive)
P(2:1)_TX_N
: Ethernet Transmit Data (negative)
P(2:1)_RX_P
: Ethernet Receive Data (positive)
P(2:1)_RX_N
: Ethernet Receive Data (negative)
P(2:1)_SD_P
: FO Signal Detect (positive)
P(2:1)_SD_N
: FO Signal Detect (negative)
P(2:1)_RD_P
: FO Receive Data (positive)
P(2:1)_RD_N
: FO Receive Data (negative)
P(2:1)_TD_OUT_P : FO Transmit Data (negative)
P(2:1)_TD_OUT_N
: FO Transmit Data (positive)
P(2:1)_FX_EN_OUT
: FO Transmitter enable (active
high)
Oscillator
XCLK1 :Connection external oscillator (1) In, 25 MHz
XCLK2 :Connection external oscillator (2) Out, 25 MHz
JTAG
– Interface
TM(1:0)
: Test Input (1:0)
TRSTN
: Test Reset
TMS
: Test Mode Select
TDO
: Test Data Output
TCK
: Test Clock
TDI
: Test Data Input
Reset / Test
RESETN
: TPS-1 Reset (Global Reset)
ATP
: Test pin for production test (n.c.)
EXTRES
: External reference resistor
TMC(2:1)
: Test Mode Control(2:1) (production
test)
TEST_(2:1)_IN : Test Pin (2:1) for HW test of TPS-1
TESTDOUT(7:5): Test Data Output (7:5) (High Speed
Signals for PHY)
Host interface
WD_IN
: Watchdog input (from the Host)
WD_OUT
: Watchdog output (to the Host)
INT_OUT
: Interrupt output (to the Host)
Boot interface (serial)
UART6_TX
: Boot UART “Transmit Data“
UART6_RX
: Boot UART “Receive Data“
BOOT_1
: Forced Boot


Numéro de pièce similaire - TPS-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
More results

Description similaire - TPS-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
   Single Chip Interface Solution for PROFINET IO Devices
logo
Festo Corporation.
8086607 FESTO-8086607 Datasheet
87Kb / 2P
   PROFINET Interface
logo
Renesas Technology Corp
YCONNECT-IT-TPS-1L RENESAS-YCONNECT-IT-TPS-1L Datasheet
952Kb / 2P
   Low-cost Solution Kit for TPS-1 – The PROFINET IRT Device Chip
2017.05
logo
WAGO Kontakttechnik Gmb...
750-340 WAGO-750-340 Datasheet
412Kb / 11P
   Fieldbus Coupler PROFINET IO; 1st Generation
750-375 WAGO-750-375 Datasheet
695Kb / 12P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Advanced
logo
ams AG
PS081 AMSCO-PS081 Datasheet
7Mb / 155P
   Single Chip Solution for Strain Gauges
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
WAGO Kontakttechnik Gmb...
750-377 WAGO-750-377 Datasheet
613Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; ECO Advanced
750-377-025-000 WAGO-750-377-025-000 Datasheet
495Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Ext. Temperature
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com