Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6124IR Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL6124IR
Description  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6124IR Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL6124IR Datasheet HTML 1Page - Intersil Corporation ISL6124IR Datasheet HTML 2Page - Intersil Corporation ISL6124IR Datasheet HTML 3Page - Intersil Corporation ISL6124IR Datasheet HTML 4Page - Intersil Corporation ISL6124IR Datasheet HTML 5Page - Intersil Corporation ISL6124IR Datasheet HTML 6Page - Intersil Corporation ISL6124IR Datasheet HTML 7Page - Intersil Corporation ISL6124IR Datasheet HTML 8Page - Intersil Corporation ISL6124IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN9005.4
June 10, 2005
Absolute Maximum Ratings
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+6V
ISL6125 LOGIC OUT. . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
UVLO, ENABLE, ENABLE#, SYSRST# . . . . . . -0.3V to VDD +0.3V
RESET#, DLY_ON, DLYOFF. . . . . . . . . . . . . . . -0.3V to VDD +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV (HBM)
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . +1.5V to +5.5V
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
4 x 4 QFN Package . . . . . . . . . . . . . . .
48
9
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(QFN - Leads Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 1.5V to +5V, TA = TJ = -40°C - 85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Undervoltage Lockout Threshold
VUVLOvth
TJ = +25°C
619
633
647
mV
Undervoltage Lockout Threshold Temp Co
TCUVLOvth
TJ = -40°C to 85°C
-
40
-
nV/°C
Undervoltage Lockout Hysteresis
VUVLOhys
-10
-
mV
Undervoltage Lockout Threshold Range
RUVLOvth
Max VUVLOvth- Min VUVLOvth
-7
-
mV
Undervoltage Lockout Delay
TUVLOdel
ENABLE satisfied
-
10
-
ms
Transient Filter Duration
TFIL
VDD, UVLO, ENABLE glitch filter
-
30
-
µs
DELAY ON/OFF
Delay Charging Current
DLY_ichg
VDLY = 0V
0.92
1
1.08
µA
Delay Charging Current Range
DLY_ichg_r
DLY_ichg(max) - DLY_ichg(min)
-
0.08
-
µA
Delay Charging Current Temp. Coeff.
TC_DLY_ichg
-
0.2
-
nA/°C
Delay Threshold Voltage
DLY_Vth
1.238
1.266
1.294
V
Delay Threshold Voltage Temp. Coeff.
TC_DLY_Vth
-
0.2
-
mV/°C
ENABLE/ENABLE#, RESET# & SYSRST# I/O
ENABLE Threshold
VENh
-1.2
-
V
ENABLE# Threshold
VENh
-0.5 VDD
-V
ENABLE/ENABLE# Hysteresis
VENh -VENl
Measured at VDD = 1.5V
-
0.2
-
V
ENABLE/ENABLE# Lockout Delay
TdelEN_LO
UVLO satisfied
-
10
-
ms
RESET# Pull-Down Current
IRSTpd
RST = 0.1V
-
13
-
mA
RESET# Delay after GATE High
TRSTdel
GATE = VDD+5V
-
160
-
ms
RESET# Output Low
VRSTl
Measured at VDD = 5V with 5K
pullup resistors
-
-
0.001
V
SYSRST# Low to GATE Turn-off
TdelSYS_G
GATE = 80% of VDD+5V
-
40
-
ns
GATE
GATE Turn-On Current
IGATEon
GATE = 0V
0.8
1.1
1.4
µA
GATE Turn-Off Current
IGATEoff_l
GATE = VDD, Disabled
-1.4
-1.05
-0.8
µA
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128


Numéro de pièce similaire - ISL6124IR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6124IR INTERSIL-ISL6124IR Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6124IR INTERSIL-ISL6124IR Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6124IRZA RENESAS-ISL6124IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Description similaire - ISL6124IR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com