Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6119EVAL1 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL6119EVAL1
Description  USB Dual Port Power Supply Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6119EVAL1 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL6119EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 11Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 12Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
TABLE 3. ISL6119EVAL1 BOARD COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT FUNCTION
COMPONENT DESCRIPTION
DUT1
ISL6119
Intersil, ISL6119LIB 3.3V Aux HotPlug Controller
R1 - R3
500mA Nominal Load Resistors
YAGEO, 10
Ω, 5%, 5W, 10W-5-ND
R4 - R5
1.5A Current Over Load Resistors
YAGEO, 5
Ω, 5%, 5W, 5W-5-ND
R6 - R10
LED Current Limiting Resistor
470
Ω, 0805
C1
Decoupling Capacitor
0.1
µF, 0805
C2 - C4
Load Capacitor
10
µF 16V Electrolytic, Radial Lead
D1 - D5
Indicating LEDs
0805, SMD LEDs Red
F1
PPTC (Polymer Positive Temperature Coefficient)
Raychem, Poly Switch, RXE075 or Equivalent
SW1 (Q1)
Current Over Load Invoking Switch Access TP11
Intersil, ITF86110DK8T, 7.5A, 30V, 0.025
Ω, Dual N-channel, Logic
Level Power MOSFET
FIGURE 19. ISL6119EVAL1 BOARD SCHEMATIC AND PHOTOGRAPH
1
2
3
4
8
7
6
EN2 FAULT_OUT2
VIN
OUT1
OUT2
EN1
ISL6119
ISL6119EVAL1
FAULT_OUT1
C1
C2
C4
C3
R1
R2
R3
R4
R5
D1
D2
D3
D4
D5
R6
R7
R8
R10
F1
SW1
TP2
5
R9
(VIN)
TP3
TP4
ISL6119


Numéro de pièce similaire - ISL6119EVAL1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6119EVAL1 INTERSIL-ISL6119EVAL1 Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119EVAL1 RENESAS-ISL6119EVAL1 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
More results

Description similaire - ISL6119EVAL1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com