Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6118HIB-T Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL6118HIB-T
Description  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6118HIB-T Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL6118HIB-T Datasheet HTML 1Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 2Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 3Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 4Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 5Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 6Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 7Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 8Page - Intersil Corporation ISL6118HIB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V
EN, FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to VIN +0.3V
Output Current . . . . . . . . . . . . . . . . . . . . . . .Short Circuit Protected
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 3KV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
116
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
Supply Voltages = 3.3V, TA = TJ = -40 to 85°C, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SWITCH
ISL6118 On Resistance at 2.7V
rDS(ON)_27
VIN = 2.7V, IOUT = 0.4A, TA = TJ = 25°C
-
90
105
m
TA = TJ = 85°C
-
115
130
m
ISL6118 On Resistance at 3.3V
rDS(ON)_33
VIN = 3.3V, IOUT = 0.4A, TA = TJ = 25°C
-
80
100
m
TA = TJ = 85°C
-
115
130
m
ISL6118 On Resistance at 5.0V
rDS(ON)_50
VIN = 5V, IOUT = 0.4A, TA = TJ = 25°C
-
80
95
m
TA = TJ = 85°C
-
115
130
m
Disabled Output Voltage
VOUT_DIS
VIN = 5V, Switch Disabled, 50
µA Load
-
300
450
mV
OUT Rising Rate
t_vout_rt
RL = 10Ω, CL = 0.1µF, 10%-90%
-
8
-
V/ms
Slow VOUT Turn-off Rate
t_svout_offt
RL = 10Ω, CL = 0.1µF, 90%-10%
-
8
-
V/ms
Fast VOUT Turn-off Rate
t_fvout_offt
RL = 1Ω, CL = 0.1µF, 90%-10%
-
4
-
V/
µs
CURRENT CONTROL
Current Limit, VIN = 3.3V - 5V
Ilim
VOUT = 0.8V
0.45
0.6
0.75
A
OC Regulation Settling Time
tsettIlim
RL = 3Ω, CL= 0.1µF to within 10% of CR
-
2
-
ms
Severe OC Regulation Settling Time
tsettIlim_sev
RL < 1Ω, CL= 0.1µF to within 10% of CR
-
100
-
µs
Overcurrent Latch-off Time
tOC_loff
ISL6118X, TJ = 25°C
-
12
-
ms
I/O PARAMETERS
Fault Output Voltage
VFAULT
Fault Output Current = 10mA
-
-
0.4
V
ENABLE High Threshold
Ven_vih
VIN = 5.5V
2.0
-
-
V
ENABLE Low Threshold at 2.7V
Ven_vil
VIN = 2.7V
-
-
0.6
V
ENABLE Low Threshold at 5.5V
Ven_vil
VIN = 5.5V
-
-
0.8
V
ENABLE Input Current
Ien_i
ENABLE = 0V to 5V, VIN = 5V, TJ > 25°C
-0.5
0
0.5
µA
BIAS PARAMETERS
Enabled VIN Current
IVDD
Switches Closed, OUTPUT = OPEN, TJ > 0°C
-
120
200
µA
Disabled VIN Current
IVDD
Switches Open, OUTPUT = OPEN
-
1
5
µA
Undervoltage Lockout Threshold
VUVLH
VIN Rising, Switch Enabled
1.7
2.25
2.5
V
UV Hysteresis
UVHYS
50
100
-
mV
Over Temperature Disable
Temp_dis
-
150
-
°C
ISL6118


Numéro de pièce similaire - ISL6118HIB-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6118HIB RENESAS-ISL6118HIB Datasheet
638Kb / 10P
   Dual Power Supply Controller
ISL6118HIBZA RENESAS-ISL6118HIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results

Description similaire - ISL6118HIB-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com