Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6118HIB Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL6118HIB
Description  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6118HIB Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL6118HIB Datasheet HTML 2Page - Intersil Corporation ISL6118HIB Datasheet HTML 3Page - Intersil Corporation ISL6118HIB Datasheet HTML 4Page - Intersil Corporation ISL6118HIB Datasheet HTML 5Page - Intersil Corporation ISL6118HIB Datasheet HTML 6Page - Intersil Corporation ISL6118HIB Datasheet HTML 7Page - Intersil Corporation ISL6118HIB Datasheet HTML 8Page - Intersil Corporation ISL6118HIB Datasheet HTML 9Page - Intersil Corporation ISL6118HIB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Using the ISL6118EVAL1 Platform
Upon proper bias the PPTC, F1, has a nominal 400mA load
current passing through it which is the hold current rating for
that particular device. Removal of the PPTC is necessary to
isolate the ISL6118 as the PPTC load current is common to
the ISL6118EVAL1 bias connections.
By enabling either or both of the ISL6118H switches by
signaling TP3 and/or TP4 high (>2.4V) these switches are
also loaded with a nominal 400mA current.
Provided test points enable the evaluation of voltage loss
across the PPTC (TP9 - TP10) and likewise across the
ISL6118 enabled switches (TP9 - TP6 and TP7). Expect to
see 100% - 300% greater voltage loss across the PPTC than
the ISL6118 (see Figure 11 for ISL6118 vs PPTC voltage
loss comparison).
An overcurrent (OC) condition can be invoked on both the
ISL6118 and the PPTC by driving TP11 to +6V, causing SW1
to close and a nominal 0.94mA load is imposed. This
represents a current overload to the ISL6118 and is thus
quickly current regulated to the 600mA limit. If the OC
duration extends beyond the nominal 12ms of the internal
ISL6118 timer then the output is latched off and the fault
output is asserted by being pulled low turning on the
appropriate FAULT LED. (Please note: the labeling for the
FAULT-1 and FAULT-2 is reversed.) The eval board is
designed to only invoke a OC condition on channel 2 (TP4)
so that a channel to channel isolation evaluation in the
presence of a OC condition can be evaluated.
The primary function of any OC protection device is to
quickly isolate the voltage bus from a faulty load. Unlike the
PPTC and other vendor available IC products, the ISL6118
internal timer that starts upon OC detection provides
consistent protection that is independent of temperature.
Figures 11 through 13 illustrate the comparative efficiency
and effectiveness of the ISL6118 vs the PPTC in protecting
and isolating a faulty load capable from drooping the system
bus in that system.
FIGURE 11. ISL6118 vs PPTC INTO 8.2
Ω LOAD
FIGURE 12. ISL6118 vs PPTC INTO 3.5
Ω LOAD
FIGURE 13. ISL6118 vs PPTC WITH EXTENDED 3.5
Ω LOAD
Typical Performance Curves (Continued)
VOLTAGE (0.5V/DIV)
VVIN
3.32V
ISL6118
VOUT
3.29V (0.075
Ω)
0.4A HOLD
CURRENT PPTC
2.93V (1.1
Ω)
GND
VOLTAGE (0.5V/DIV)
TIME (4ms/DIV)
VIN
ISL6118 CR
12ms PERIOD
0.4A HOLD CURRENT PPTC OUT
ISL6118 OUT
VOLTAGE (0.5V/DIV)
TIME (4s/DIV)
ISL6118 OUT
0.4A HOLD CURRENT PPTC OUT
VIN
2.3V AT 10s
1.5V AT 30s
ISL6118


Numéro de pièce similaire - ISL6118HIB

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6118HIB RENESAS-ISL6118HIB Datasheet
638Kb / 10P
   Dual Power Supply Controller
ISL6118HIBZA RENESAS-ISL6118HIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results

Description similaire - ISL6118HIB

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com