Moteur de recherche de fiches techniques de composants électroniques |
|
ADR380ARTZ-REEL7 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADR380ARTZ-REEL7 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 16 page Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference ADR380/ADR381 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2001–2010 Analog Devices, Inc. All rights reserved. FEATURES Initial accuracy: ±5 mV/±6 mV maximum Initial accuracy error: ±0.24%/±0.24% Low TCVOUT: 25 ppm/°C maximum Load regulation: 70 ppm/mA Line regulation: 25 ppm/V Wide operating ranges 2.4 V to 18 V for ADR380 2.8 V to 18 V for ADR381 Low power: 120 μA maximum High output current: 5 mA Wide temperature range: −40°C to +85°C Tiny 3-lead SOT-23 package with standard pinout APPLICATIONS Battery-powered instrumentation Portable medical instruments Data acquisition systems Industrial process control systems Hard disk drives Automotive PIN CONFIGURATION VIN 1 VOUT 2 GND 3 ADR380/ ADR381 TOP VIEW (Not to Scale) Figure 1. 3-Lead SOT-23 (RT Suffix) GENERAL DESCRIPTION The ADR380 and ADR381 are precision 2.048 V and 2.500 V band gap voltage references featuring high accuracy, high stability, and low power consumption in a tiny footprint. Patented temperature drift curvature correction techniques minimize nonlinearity of the voltage change with temperature. The wide operating range and low power consumption make them ideal for 3 V to 5 V battery-powered applications. The ADR380 and ADR381 are micropower, low dropout voltage (LDV) devices that provide a stable output voltage from supplies as low as 300 mV above the output voltage. They are specified over the industrial (−40°C to +85°C) temperature range. The ADR380/ADR381 are available in the tiny 3-lead SOT-23 package. Table 1. ADR38x Products Part Number Nominal Output Voltage (V) ADR380 2.048 ADR381 2.500 |
Numéro de pièce similaire - ADR380ARTZ-REEL7 |
|
Description similaire - ADR380ARTZ-REEL7 |