Moteur de recherche de fiches techniques de composants électroniques |
|
ADR380ARTZ-REEL7 Fiches technique(PDF) 3 Page - Analog Devices |
|
ADR380ARTZ-REEL7 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 16 page ADR380/ADR381 Rev. C | Page 3 of 16 SPECIFICATIONS ADR380 ELECTRICAL CHARACTERISTICS VIN = 5.0 V, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit Output Voltage VOUT 2.043 2.048 2.053 V Initial Accuracy Error VOERR −5 +5 mV −0.24 +0.24 % Temperature Coefficient TCVOUT −40°C < TA < +85°C 5 25 ppm/°C 0°C < TA< 70°C 3 21 ppm/°C Minimum Supply Voltage Headroom VIN – VOUT ILOAD ≤ 3 mA 300 mV Line Regulation ΔVOUT/DVIN VIN = 2.5 V to 15 V, −40°C < TA < +85°C 10 25 ppm/V Load Regulation ΔVOUT/DILOAD VIN = 3 V, ILOAD = 0 mA to 5 mA, −40°C < TA < +85°C 70 ppm/mA Quiescent Current IIN No load 100 120 μA −40°C < TA < +85°C 140 μA Voltage Noise eN 0.1 Hz to 10 Hz 5 μV p-p Turn-On Settling Time tR 20 μs Long-Term Stability ΔVOUT 1000 Hrs 50 ppm Output Voltage Hysteresis VOUT_HYS 40 ppm Ripple Rejection Ratio RRR fIN = 60 Hz 85 dB Short Circuit to GND ISC 25 mA VIN = 15.0 V, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit Output Voltage VOUT 2.043 2.048 2.053 V Initial Accuracy Error VOERR −5 +5 mV −0.24 +0.24 % Temperature Coefficient TCVOUT −40°C < TA < +85°C 5 25 ppm/°C 0°C < TA < 70°C 3 21 ppm/°C Minimum Supply Voltage Headroom VIN − VOUT ILOAD ≤ 3 mA 300 mV Line Regulation ΔVOUT/DVIN VIN = 2.5 V to 15 V, −40°C < TA < +85°C 10 25 ppm/V Load Regulation ΔVOUT/DILOAD VIN = 3 V, ILOAD = 0 mA to 5 mA, −40°C < TA < +85°C 70 ppm/mA Quiescent Current IIN No load 100 120 μA −40°C < TA < +85°C 140 μA Voltage Noise eN 0.1 Hz to 10 Hz 5 μV p-p Turn-On Settling Time tR 20 μs Long-Term Stability ΔVOUT 1000 Hrs 50 ppm Output Voltage Hysteresis VOUT_HYS 40 ppm Ripple Rejection Ratio RRR fIN = 60 Hz 85 dB Short Circuit to GND ISC 25 mA |
Numéro de pièce similaire - ADR380ARTZ-REEL7 |
|
Description similaire - ADR380ARTZ-REEL7 |