Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR280 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADR280
Description  1.2 V Ultralow Power High PSRR Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR280 Fiches technique(HTML) 5 Page - Analog Devices

  ADR280_15 Datasheet HTML 1Page - Analog Devices ADR280_15 Datasheet HTML 2Page - Analog Devices ADR280_15 Datasheet HTML 3Page - Analog Devices ADR280_15 Datasheet HTML 4Page - Analog Devices ADR280_15 Datasheet HTML 5Page - Analog Devices ADR280_15 Datasheet HTML 6Page - Analog Devices ADR280_15 Datasheet HTML 7Page - Analog Devices ADR280_15 Datasheet HTML 8Page - Analog Devices ADR280_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADR280
Rev. C | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
1.20225
1.20200
1.20175
1.20150
1.20125
1.20100
1.20075
1.20050
1.20025
1.20000
NO LOAD
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 4. VOUT vs. Temperature
15
14
13
12
11
10
9
VIN =3V
VIN =5V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
Figure 5. Supply Current vs. Temperature
15
–15
–10
–5
0
5
10
3V TO 5V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
Figure 6. Line Regulation vs. Temperature
1
CH1
M 1.00s
50.0µV
Figure 7. Noise Voltage Peak-to-Peak, 10 Hz to 10 kHz


Numéro de pièce similaire - ADR280_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL AD-ADR280AKS-REEL Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
More results

Description similaire - ADR280_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR280 AD-ADR280 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280 AD-ADR280_07 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com