Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5571AIB Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL5571AIB
Description  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571AIB Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL5571AIB Datasheet HTML 4Page - Intersil Corporation ISL5571AIB Datasheet HTML 5Page - Intersil Corporation ISL5571AIB Datasheet HTML 6Page - Intersil Corporation ISL5571AIB Datasheet HTML 7Page - Intersil Corporation ISL5571AIB Datasheet HTML 8Page - Intersil Corporation ISL5571AIB Datasheet HTML 9Page - Intersil Corporation ISL5571AIB Datasheet HTML 10Page - Intersil Corporation ISL5571AIB Datasheet HTML 11Page - Intersil Corporation ISL5571AIB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TSD Pin
The TSD pin (pin 8) can be used as a logic level input or
output. Reference Table 9 for logic state table. The TSD pin
overrides all other logic pins.
As an input, if this pin is driven low, either by external logic
applied to it or by the internal thermal shutdown circuitry, the
ISL5571A device will enter the All OFF state. In the All OFF
state all switches of the ISL5571A are open (off).
As an output, it is capable of driving a TTL input (2.8V at
200
µA). The TSD pin will read +5V when the device is in
normal operating mode and 0V when the device is in thermal
shutdown. This pin can be monitored on an oscilloscope to
determine if the ISL5571A device has enter thermal
shutdown. (Thermal Shutdown is described in the Auxiliary
Functions and Features section below.)
Connecting the TSD pin to 5V will have no effect on the
performance of the ISL5571A device and will not disable the
thermal shutdown circuitry.
Auxiliary Functions and Features
In addition to the ISL5571A main function of momentarily
connecting and disconnecting an external ring generator to
ring the phone, the ISL5571A device also provides surge
and power-cross protection to the SLIC and CODEC. This
fault protection is provided by a combination of current-
limiting circuitry, a thermal shutdown mechanism and an
over-voltage clamping circuit. Another feature the device
offers is a VBAT fault detection circuit. The following
describes each in detail.
Current Limiting
The Line Break switches (SW1 and SW2) and the Ring
Return switch (SW3) are all current-limited. These switches
have a DC current limiting response and a dynamic current
limiting response which were built into the device to provide
protection during lightning and power-cross faults. Each of
these current limiting responses are explained below.
DC CURRENT LIMITING RESPONSE
The ON state V-I Graph for SW1, SW2, and SW3 is shown
in Figure 3. It represents the DC current limiting response of
the switches. The graph shows that over a certain range of
positive and negative voltages, the current and voltage
relationship is linear and behaves according to Ohms law
(V = IR). Note: At around
±1.5V an inflection point occurs
decreasing the on resistance by 2/3. The on resistance
specified in the data sheet is measured in the region prior to
the inflection point (between
±1.5V).
When current through the switch reaches the current limit of
the switch, the current is clamped and held at a constant
value. The switch then operates as a constant current
source. Increasing the voltage beyond this point will not
change the value of the current.
CURRENT
LIMITING
+I
-I
ILIMIT
CURRENT
LIMITING
rON
ILIMIT
+V
FIGURE 3. ON STATE V-I GRAPH OF SW1, SW2 AND SW3
rON
+1.5
-1.5
2/3 rON
2/3 rON
-V
+I
-I
+V
FIGURE 4. EFFECT OF TEMPERATURE ON DC CURRENT
LIMIT
T2
T1
T1
T2 > T1
T2
-V
+I
TIME
0
FIGURE 5. DYNAMIC CURRENT LIMIT RESPONSE
2A
0.5
µs
ISL5571A


Numéro de pièce similaire - ISL5571AIB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIBZ INTERSIL-ISL5571AIBZ Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Description similaire - ISL5571AIB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A_04 Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com