Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43141IV Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL43141IV
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43141IV Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL43141IV Datasheet HTML 4Page - Intersil Corporation ISL43141IV Datasheet HTML 5Page - Intersil Corporation ISL43141IV Datasheet HTML 6Page - Intersil Corporation ISL43141IV Datasheet HTML 7Page - Intersil Corporation ISL43141IV Datasheet HTML 8Page - Intersil Corporation ISL43141IV Datasheet HTML 9Page - Intersil Corporation ISL43141IV Datasheet HTML 10Page - Intersil Corporation ISL43141IV Datasheet HTML 11Page - Intersil Corporation ISL43141IV Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
14
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, Switch On or Off
25
-1
0.05
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.05
1
µA
Full
-1
-
1
µA
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
Electrical Specifications: 3V to 3.3V Supply
Test Conditions: V+ = +2.7V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V
(Note 5), Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V
0V
VNX
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
35pF
GND
V+
C
V-
C
VNX
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
C
V-
ISL43140, ISL43141, ISL43142


Numéro de pièce similaire - ISL43141IV

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43141IV INTERSIL-ISL43141IV Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43141IVZ INTERSIL-ISL43141IVZ Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43141IVZ INTERSIL-ISL43141IVZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43141IVZ RENESAS-ISL43141IVZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

Description similaire - ISL43141IV

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com