Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43113 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL43113
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113 Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL43113 Datasheet HTML 3Page - Intersil Corporation ISL43113 Datasheet HTML 4Page - Intersil Corporation ISL43113 Datasheet HTML 5Page - Intersil Corporation ISL43113 Datasheet HTML 6Page - Intersil Corporation ISL43113 Datasheet HTML 7Page - Intersil Corporation ISL43113 Datasheet HTML 8Page - Intersil Corporation ISL43113 Datasheet HTML 9Page - Intersil Corporation ISL43113 Datasheet HTML 10Page - Intersil Corporation ISL43113 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
compatible, TTL compatible versions of these switches, see
the ISL43110/11 data sheet.
Logic-Level Thresholds
Due to the lack of a GND pin, the switching point of the
digital input is referenced predominantly to V+. The digital
input is CMOS compatible at
±5V supplies, and is TTL
compatible for
±3.3V supplies. For other supply
combinations refer to Figures 13 and 14.
The switching point has a very low temperature sensitivity,
and changes by only 100mV from 85oC to -40oC, regardless
of supply voltage.
High-Frequency Performance
In 5
0Ω systems, signal response is reasonably flat to
30MHz, with a -3dB bandwidth of nearly 400MHz (see
Figure 15). Figure 15 also illustrates that the frequency
response is very consistent over a wide V+ range, and for
varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. OFF Isolation
is the resistance to this feedthrough. Figure 16 details the
high OFF Isolation provided by this family. At 10MHz, OFF
Isolation is about 50dB in 50
Ω systems, decreasing
approximately 20dB per decade as frequency increases.
Higher load impedances decrease OFF Isolation due to the
voltage divider action of the switch OFF Impedance and the
load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One of
these diodes conducts if any analog signal exceeds V+ or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog-signal
paths and V+ or V-.
ISL43112, ISL43113


Numéro de pièce similaire - ISL43113

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43113 INTERSIL-ISL43113 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43113 INTERSIL-ISL43113 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43113 RENESAS-ISL43113 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43113 INTERSIL-ISL43113 Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43113IB INTERSIL-ISL43113IB Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Description similaire - ISL43113

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com