Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL39300A-DAPDK-EVAL Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL39300A-DAPDK-EVAL
Description  PRISM 54Mbps Wireless Local Area Network Access Point
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL39300A-DAPDK-EVAL Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL39300A-DAPDK-EVAL Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
®
FN8072
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
PRISM® is a registered trademark of Intersil Americas Inc. PRISM Duette, PRISM GT, and PRISM and design are trademarks of Intersil Americas Inc.
ISL39300A-DAPDK
PRISM
54Mbps Wireless Local Area
Network Access Point
The Intersil ISL39300A WLAN
Access Point is a complete wireless
high speed Network Access Point
(AP) utilizing the Intersil PRISM
DuetteTM chip set in conjunction with the 3893 WiSOC
BB/MAC. It conforms to the IEEE 802.11a, 802.11b and
802.11g protocols and therefore operates in both 2.4GHz
ISM and 5GHz UNII frequency bands. It provides a complete
PRISM reference design platform of hardware and software
to system providers or integrators requiring wireless data
communications capability. The Open Source Linux
operating system offers a flexible and extensible
development platform for making customized Access Points.
The Developers Kit includes a WLAN Access Point
reference design, configuration application, source code and
documentation. It supports the IEEE 802.11a/b/g network
specification for DSSS and OFDM signaling, providing
1-54Mbps data rates. Typical operating ranges are shown in
Table 1.
Packaging
Sample plastic enclosure.
Features
• Low cost Zero IF (ZIF) architecture
• Fully compliant with the IEEE 802.11a, 802.11b and
802.11g WLAN standards
• FCC Certified Under Part 15 to Operate in 2.4 and 5GHz
bands
• ETSI EN 300 328 parts 1 and 2, ETSI EN 301 489 parts 1
and 17
Certified
• Supports all features required for Wi-FiTM Compliant
Access Points
• Support for 54, 48, 36, 24, 18, 12, 9, and 6Mbps OFDM,
11 and 5.5Mbps CCK and legacy 2 and 1 Mbps data rates
• Supports Dual Rx/Tx Antenna Diversity
• Provides 2 Wired ethernet (802.3) ports for WAN and LAN
connection (10/100BaseT speeds)
• Supports Power over Ethernet (802.3af according to Draft
3.1) on LAN port
• miniPCI connector for PRISM GT™/Duette add-on card
(Dual cell operation)
• 6 LEDs of which one is user defined
• Open Source Linux operating system offering a flexible
and extensible platform for feature development
• Separate Web File Set for easy user-configuration and
upgrading
• Wizard for Automated IP Configuration
• Enhanced Security via 802.1x, TKIP, and WPA
• Wireless Distribution System (WDS) support for wireless
repeater/bridge mode of operation
• 802.11d regulatory domain selection supported
• Inter Access Point Protocol (IAPP) according to latest draft
802.11f standard
• 802.1d support (Spanning tree protocol)
• Multi-homed IP address selection via static IP, DHCP, or
Auto IP
• Internet connection establishment via static IP, DHCP,
PPTP, or PPPoE
• MAC cloning
• NAT/NAPT support
• VPN pass-through support (PPTP & IPSec)
• DHCP server
• SNMPv2 support
•HTTP server
Ordering Information
PART NUMBER
DESCRIPTION
CARDS/SET
ISL39300A-DAPDK-EVAL Dual Band Access
Point Evaluation Kit
1 AP/1 Duette PC
Card
ISL39300A-DAPDK-CD
Reference Design
NA
Data Sheet
August 2003


Numéro de pièce similaire - ISL39300A-DAPDK-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
   2.4GHz Power Amplifier and Detector
ISL3984IR INTERSIL-ISL3984IR Datasheet
116Kb / 7P
   2.4GHz Power Amplifier and Detector
ISL3984IR96 INTERSIL-ISL3984IR96 Datasheet
116Kb / 7P
   2.4GHz Power Amplifier and Detector
More results

Description similaire - ISL39300A-DAPDK-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com