Moteur de recherche de fiches techniques de composants électroniques |
|
SI2337DS-HF Fiches technique(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2337DS-HF Fiches technique(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd |
4 / 6 page SMD Type www.kexin.com.cn 4 MOSFET . ■ Typical Characterisitics Source-Drain Diode Forward Voltage Threshold Voltage 1.0 1.2 0.00 0.2 0.4 0.6 0.8 T J = 25 °C T J = 150 °C VSD - Source-to-Drain Voltage (V) 0.1 1.0 10.0 20.0 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 - 50 - 25 0 25 50 75 100 125 150 ID = 250 µA TJ - Temperature (°C) On-Resistance vs. Gate-to-Source Voltage Single Pulse Power, Junction-to-Ambient 0.1 0.2 0.3 0.4 0.5 0.6 3 4 5 6 7 VGS - Gate-to-Source Voltage (V) TA = 25 °C TA = 125 °C ID = 1.2 A 0 2 4 6 8 10 12 14 16 Time (sec) 0.01 0.1 1 10 100 1000 Safe Operating Area, Junction-to-Ambient 100 1 0 0 0 1 0 1 1 1 . 0 0.001 10 0.1 VDS - Drain-to-Source Voltage (V) *VGS minimum VGS at which rDS(on) is specified 0.01 100 TA = 25 °C Single Pulse 1 ms 10 ms 100 ms dc 1 s 10 s *Limited by r DS(on) > P-Channel MOSFET SI2337DS-HF (KI2337DS-HF) |
Numéro de pièce similaire - SI2337DS-HF |
|
Description similaire - SI2337DS-HF |