Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFF220 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce IRFF220
Description  3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF220 Fiches technique(HTML) 7 Page - Intersil Corporation

  IRFF220 Datasheet HTML 1Page - Intersil Corporation IRFF220 Datasheet HTML 2Page - Intersil Corporation IRFF220 Datasheet HTML 3Page - Intersil Corporation IRFF220 Datasheet HTML 4Page - Intersil Corporation IRFF220 Datasheet HTML 5Page - Intersil Corporation IRFF220 Datasheet HTML 6Page - Intersil Corporation IRFF220 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
IRFF220


Numéro de pièce similaire - IRFF220

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IRFF220 SEME-LAB-IRFF220 Datasheet
45Kb / 2P
   N?밅HANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
More results

Description similaire - IRFF220

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
   5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
   4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
   -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
   3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
BUZ45A INTERSIL-BUZ45A Datasheet
12Kb / 1P
   8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com