Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFD120 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce IRFD120
Description  1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD120 Fiches technique(HTML) 1 Page - Intersil Corporation

  IRFD120 Datasheet HTML 1Page - Intersil Corporation IRFD120 Datasheet HTML 2Page - Intersil Corporation IRFD120 Datasheet HTML 3Page - Intersil Corporation IRFD120 Datasheet HTML 4Page - Intersil Corporation IRFD120 Datasheet HTML 5Page - Intersil Corporation IRFD120 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-275
File Number
2315.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFD120
1.3A, 100V, 0.300 Ohm, N-Channel
Power MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
N-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching convertors, motor drivers, relay drivers,
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. They can be
operated directly from integrated circuits.
Formerly developmental type TA17401.
Features
• 1.3A, 100V
•rDS(ON) = 0.300Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD120
HEXDIP
IRFD120
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
July 1999


Numéro de pièce similaire - IRFD120

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
IRFD120 HARRIS-IRFD120 Datasheet
360Kb / 6P
   1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
logo
Vishay Siliconix
IRFD120 VISHAY-IRFD120 Datasheet
1Mb / 8P
   Power MOSFET
S-81393-Rev. A, 07-Jul-08
IRFD120 VISHAY-IRFD120 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 08-Nov-10
More results

Description similaire - IRFD120

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF120 NJSEMI-IRFF120 Datasheet
156Kb / 3P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
   -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
   7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
   16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
1N50_1109 UTC-1N50_1109 Datasheet
177Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com