Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMCF340 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADMCF340
Description  64-Lead Flash and ROM Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADMCF340_15 Datasheet HTML 2Page - Analog Devices ADMCF340_15 Datasheet HTML 3Page - Analog Devices ADMCF340_15 Datasheet HTML 4Page - Analog Devices ADMCF340_15 Datasheet HTML 5Page - Analog Devices ADMCF340_15 Datasheet HTML 6Page - Analog Devices ADMCF340_15 Datasheet HTML 7Page - Analog Devices ADMCF340_15 Datasheet HTML 8Page - Analog Devices ADMCF340_15 Datasheet HTML 9Page - Analog Devices ADMCF340_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
REV. A
ADMC(F)340
–6–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Supply Voltage (AVDD) . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
ADMC340 Operating Temperature
Range (Ambient) . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
ADMC340 Operating Temperature
Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
°C
*Stresses greater than those listed may cause permanent damage to the device.
These are stress ratings only; functional operation of the device at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADMC(F)340 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
DGND1
RESET
PB6
CH
PB7
PB8
NC = NO CONNECT
CL
PB9
PB10
BH
ADMC(F)340
PB11
PB12
BL
NC
NC
AVDD
DVDD1
XTAL
NC
CLKIN
NC
PB5
PB4
PA0/DR0
PB3
PB2
PA1/DT0
PB1
PB0
PA2/RFS0
NC
39
38
37
36
35
34
33
40
41
42
43
44
45
46
47
48
55 54 53 52 51 50 49
56
57
58
59
60
61
62
63
64
26 27 28 29 30 31 32
25
24
23
22
21
20
19
18
17
ORDERING GUIDE
Temperature
Instruction
Package
Package
Model
Range
Rate
Description
Option
ADMC(F)340BST
–40
°C to +85°C
20 MHz
64-Lead Thin Plastic Quad Flatpack
ST-64
(LQFP)
ADMC(F)340-EVALKIT
N/A
N/A
Development Tool Kit
ADMC340VST-XXX-XXXX
–40
°C to +125°C
20 MHz
64-Lead LQFP
ST-64


Numéro de pièce similaire - ADMCF340_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADMCF340-EVALKIT AD-ADMCF340-EVALKIT Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
ADMCF340BST AD-ADMCF340BST Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results

Description similaire - ADMCF340_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
   28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
logo
Eon Silicon Solution In...
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
   64 Megabit Uniform Sector, Serial Flash Memory
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
STMicroelectronics
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
   64 to 256 Kbytes of Flash memory
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
ATMEL Corporation
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com