Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF646 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce IRF646
Description  14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF646 Fiches technique(HTML) 1 Page - Intersil Corporation

  IRF646 Datasheet HTML 1Page - Intersil Corporation IRF646 Datasheet HTML 2Page - Intersil Corporation IRF646 Datasheet HTML 3Page - Intersil Corporation IRF646 Datasheet HTML 4Page - Intersil Corporation IRF646 Datasheet HTML 5Page - Intersil Corporation IRF646 Datasheet HTML 6Page - Intersil Corporation IRF646 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-214
File Number
2169.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF646
14A, 275V, 0.280 Ohm, N-Channel Power
MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17423.
Features
• 14A, 275V
•rDS(ON) = 0.280Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 275VDC Rating-120VAC Line System Operation
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF646
TO-220AB
IRF646
NOTE: When ordering, use the entire part number.
G
D
S
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
Data Sheet
June 1999


Numéro de pièce similaire - IRF646

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRF646 ISC-IRF646 Datasheet
298Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Description similaire - IRF646

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
RFP14N06 INTERSIL-RFP14N06 Datasheet
75Kb / 8P
   14A, 60V, 0.100 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
   N-Channel MOSFET 650V, 14A, 0.46(ohm)
logo
Intersil Corporation
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com