Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2618RCTL-E Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce 2SC2618RCTL-E
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2618RCTL-E Fiches technique(HTML) 2 Page - Renesas Technology Corp

  2SC2618RCTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC2618RCTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC2618RCTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC2618RCTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC2618RCTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC2618RCTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC2618
Preliminary
R07DS0273EJ0400 Rev.4.00
Page 2 of 5
Jan 10, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
35
V
IC = 10
μA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
35
V
IC = 1 mA, RBE =
Emitter to base breakdown voltage
V(BR)EBO
4
V
IE = 10
μA, IC = 0
Collector cutoff current
ICBO
0.5
μA
VCB = 20 V, IC = 0
DC current transfer ratio
hFE1*
1
100
320
VCE = 3 V, IC = 10 mA
(Pulse test)
hFE2
10
VCE = 3 V, IC = 500 mA
(Pulse test)
Collector to emitter saturation voltage
VCE(sat)
0.2
0.6
V
IC = 150 mA, IB = 15 mA
(Pulse test)
Base to emitter voltage
VBE
0.64
V
VCE = 3 V, IC = 10 mA
(Pulse test)
Note:
1. The 2SC2618 is grouped by hFE1 as follows.
Grade
C
D
Mark
RC
RD
hFE1
100 to 200
160 to 320


Numéro de pièce similaire - 2SC2618RCTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SC2618RCTL-E RENESAS-2SC2618RCTL-E Datasheet
68Kb / 5P
   Silicon NPN Epitaxial
2SC2618RCTL-E RENESAS-2SC2618RCTL-E Datasheet
91Kb / 6P
   Silicon NPN Epitaxial
More results

Description similaire - 2SC2618RCTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com