Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3307E Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADM3307E
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3307E Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADM3307E_15 Datasheet HTML 3Page - Analog Devices ADM3307E_15 Datasheet HTML 4Page - Analog Devices ADM3307E_15 Datasheet HTML 5Page - Analog Devices ADM3307E_15 Datasheet HTML 6Page - Analog Devices ADM3307E_15 Datasheet HTML 7Page - Analog Devices ADM3307E_15 Datasheet HTML 8Page - Analog Devices ADM3307E_15 Datasheet HTML 9Page - Analog Devices ADM3307E_15 Datasheet HTML 10Page - Analog Devices ADM3307E_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 7 of 24
PRODUCT SELECTION GUIDE
Table 3. Product Selection Guide
Generic
Supply
Voltage
Tx
Rx
No. Rx
Active
in SD
Speed
15 kV ESD
ICC
Max
ICC
Shutdown
Max1
Additional Features
ADM3307E
2.7 V to 3.6 V
5
3
1
1 Mbps
RS-232 CMOS, EN,
and SD
1.5 mA
1 µA
±15 kV ESD protection, CMOS
on RS-232, and CMOS I/Os
including SD and EN pins
ADM3310E
2.7 V to 3.6 V
3
5
2
460 kbps
RS-232
0.85 mA
1 µA
2 Rxs active in shutdown, Green
Idle mode level 6 V, low power
ADM3311E
ADM3311E
2.7 V to 3.6 V
3
5
1
460 kbps
RS-232
1 mA
1 µA
ADM3312E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
1 mA
1 µA
ADM3315E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
0.85 mA
1 µA
22 kΩ Rx I/P resistance, Green
Idle mode level 6 V, low power
ADM3312E
1
ICC shutdown is 20 nA typically.


Numéro de pièce similaire - ADM3307E_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3307EACP AD-ADM3307EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL AD-ADM3307EACP-REEL Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL7 AD-ADM3307EACP-REEL7 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

Description similaire - ADM3307E_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com