Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1064 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADM1064
Description  Super Sequencer with Voltage Readback ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1064 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADM1064_15 Datasheet HTML 2Page - Analog Devices ADM1064_15 Datasheet HTML 3Page - Analog Devices ADM1064_15 Datasheet HTML 4Page - Analog Devices ADM1064_15 Datasheet HTML 5Page - Analog Devices ADM1064_15 Datasheet HTML 6Page - Analog Devices ADM1064_15 Datasheet HTML 7Page - Analog Devices ADM1064_15 Datasheet HTML 8Page - Analog Devices ADM1064_15 Datasheet HTML 9Page - Analog Devices ADM1064_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADM1064
Rev. D | Page 6 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
μA
VIN = 0 V
SEQUENCING ENGINE TIMING
State Change Time
10
μs
1 At least one of the VH, VPx pins must be ≥3.0 V to maintain the device supply on VDDCAP.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Timing specifications are guaranteed by design and supported by characterization data.


Numéro de pièce similaire - ADM1064_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1064ACP AD-ADM1064ACP Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ACP-REEL AD-ADM1064ACP-REEL Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ACP-REEL7 AD-ADM1064ACP-REEL7 Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ASU AD-ADM1064ASU Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ASU-REEL AD-ADM1064ASU-REEL Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
More results

Description similaire - ADM1064_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1064 AD-ADM1064 Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com