Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ602-ZJ Fiches technique(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SJ602-ZJ
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ602-ZJ Fiches technique(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ602-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ602-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ602-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ602-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SJ602-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
Typical Characterisitics
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
10
100
Rth(j-C) = 3.13˚C/W
Rth(j-A) = 83.3˚C/W
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
0
40
20
60
100
140
80
120
160
100
80
60
40
20
0
TC - Case Temperature - ˚C
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
60
50
40
30
20
10
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
–1
–10
–100
–0.1
–1
–10
TC = 25˚C
Single Pulse
–0.1
–100
Power
Dissipation
Limited
DC
RDS(on)
Limited
ID(DC)
ID(pulse) PW =
10
s
100
s
1 ms
10
ms
P-Channel MOSFET
2SJ602-ZJ


Numéro de pièce similaire - 2SJ602-ZJ

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ602-ZJ NEC-2SJ602-ZJ Datasheet
82Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ602-ZJ RENESAS-2SJ602-ZJ Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Description similaire - 2SJ602-ZJ

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com