Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UPC2726T Datasheet(Fiches technique) 4 Page - NEC

Numéro de pièce UPC2726T
Description  1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo 

 
 4 page
background image
4
PPPPPC2726T
TYPICAL CHARACTERISTICS (Unless otherwise specified TA = +25 °C)
20
18
14
10
6
16
8
4
12
2
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
02
3
4
6
VCC – Supply Voltage – V
16
8
12
4
0
CIRCUIT CURRENT vs. OPERATING
TEMPERATURE
0
–40
Topt – Operating Temperature –
°C
40
80
VCC = 5.0 V
20
10
0.3
1.0
3.0
f – Frequency – GHz
1
9
5
20
10
0.3
1.0
3.0
f – Frequency – GHz
–5
POWER GAIN vs. FREQUENCY
0
ISOLATION vs. FREQUENCY
0.3
1.0
3.0
f – Frequency – GHz
–40
–60
–80
0.1
0
VCC = 5.0 V
0.3
1.0
2.0
f – Frequency – GHz
–20
–30
–40
–10
0.1
0
RLout
1
2
6
10
14
–20
20
60
100
NF
GP
0.1
VCC = +85
°C
+25
°C
–20
0
5
No input signals
2.0
3
7
VCC = 5.5 V
5.0 V
4.5 V
3.0 V
2.0 V
VCC = 2.0 V
VCC = 4.5 V - 5.5 V
NOISE FIGURE, POWER GAIN vs.
FREQUENCY
2.0
0.1
–40
°C
VCC = 5.0 V
2.0
RLout
RLin
RETURN LOSS vs. FREQUENCY
RLin




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPC2711T2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC2712T2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC2713T1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 NEC
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC2715T1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC1652GSILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER 1 2 3 4 5 MoreNEC
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KIA2109FBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM 1 2 3 4 5 MoreKEC(Korea Electronics)
MRFIC24042.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl