Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2111-HF Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SK2111-HF
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2111-HF Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2111-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2111-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2111-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Typical Characterisitics
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
100
80
60
40
20
0
30
60
90
120
150
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
10
5
2
1
0.2
0.1
2
5
20
50
100
VDS - Drain to Source Voltage - V
0.5
1
10
Single pulse
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
1.0
0.8
0.6
0.4
0.2
0
0.4
0.8
1.2
1.6
2.0
VDS - Drain to Source Voltage - V
100
ms
1 ms
PW
= 100
ms
DC
4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
10 V
VGS = 2.0 V
TRANSFER CHARACTERISTICS
1
0.1
0.01
0.001
0.5
1
1.5
2
2.5
3
VGS - Gate to Source Voltage - V
0.0001
VDS = 10 V
TA = 75 ˚C
25 ˚C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
10
1
0.1
0.001
0.01
0.1
1
ID - Drain Current - A
0.01
VDS = 10 V
25 ˚C
75 ˚C
TA = –25 ˚C
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
10
0.5
0.01
0.1
1
10
ID - Drain Current - A
0
VGS = 4 V
TA = 75 ˚C
25 ˚C
–25 ˚C
–25 ˚C
N-Channel MOSFET
2SK2111-HF


Numéro de pièce similaire - 2SK2111-HF

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK2111 NEC-2SK2111 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2111 KEXIN-2SK2111 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK2111 RENESAS-2SK2111 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2111 KEXIN-2SK2111_15 Datasheet
692Kb / 3P
   N-Channel MOSFET
More results

Description similaire - 2SK2111-HF

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com