Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UPC2713T Datasheet(Fiches technique) 5 Page - NEC

Numéro de pièce UPC2713T
Description  1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo 

   
 5 page
background image
EQUIVALENT CIRCUIT
UPC2713T
PACKAGE OUTLINE (Units in mm)
PACKAGE OUTLINE T06
LEAD CONNECTIONS
PART NUMBER
QTY
UPC2713T-E3
3K/Reel
Embossed Tape, 8 mm wide.
ORDERING INFORMATION
RECOMMENDED P.C.B. LAYOUT (Units in mm)
Note:
All dimensions are typical unless otherwise noted.
1. INPUT
2. GND
3. GND
4. OUTPUT
5. GND
6. VCC
(Top View)
(Bottom View)
VCC
OUT
GND
IN
+0.2
-0.3
2.8
1.5
+0.2
-0.1
1
2
3
4
5
6
1.9
±0.2
-0.05
+0.10
0.3
0.13
±0.1
1.1
+0.2
-0.1
0 to 0.1
0.95
0.95
0.8
2.9
±0.2
3
2
1
4
5
6
3
2
1
4
5
6
3.10
4
5
3
2
1
6
1.0
MIN
0.5 MIN
0.95
1.0
MIN
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
8/02/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPC1313HALOW NOISE DUAL PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC1158H2LOW NOISE PREAMPLIFIER WITH AUTOMATIC LEVEL CONTROL SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
BGA622Silicon Germanium Wide Band Low Noise Amplifier 1 2 3 4 5 MoreInfineon Technologies AG
TA8129ZBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TA8496FLBipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC9482NCMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC166PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC5002BPC2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 Toshiba Semiconductor
TC4019BPC2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 List of Unclassifed Manufacturers
TC4063BPC2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl