Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4106BRU-REEL7 Fiches technique(PDF) 4 Page - Analog Devices |
|
ADF4106BRU-REEL7 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 24 page ADF4106 Data Sheet Rev. E | Page 4 of 24 Parameter B Version1 B Chips2 (typ) Unit Test Conditions/Comments NOISE CHARACTERISTICS Normalized Phase Noise Floor (PNSYNTH)11 –223 –223 dBc/Hz typ PLL loop B/W = 500 kHz, measured at 100 kHz offset Normalized 1/f Noise (PN1_f)12 −122 −122 dBc/Hz typ 10 kHz offset; normalized to 1 GHz Phase Noise Performance13 @ VCO output 900 MHz14 –92.5 −92.5 dBc/Hz typ @ 1 kHz offset and 200 kHz PFD frequency 5800 MHz15 −76.5 −76.5 dBc/Hz typ @ 1 kHz offset and 200 kHz PFD frequency 5800 MHz16 −83.5 −83.5 dBc/Hz typ @ 1 kHz offset and 1 MHz PFD frequency Spurious Signals 900 MHz14 –90/–92 –90/–92 dBc typ @ 200 kHz/400 kHz and 200 kHz PFD frequency 5800 MHz15 –65/–70 –65/–70 dBc typ @ 200 kHz/400 kHz and 200 kHz PFD frequency 5800 MHz16 –70/–75 –70/–75 dBc typ @ 1 MHz/2 MHz and 1 MHz PFD frequency 1 Operating temperature range (B Version) is –40°C to +85°C. 2 The B chip specifications are given as typical values. 3 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that is less than this value. 4 AVDD = DVDD = 3 V. 5 AC coupling ensures AVDD/2 bias. 6 Guaranteed by design. Sample tested to ensure compliance. 7 TA = 25°C; AVDD = DVDD = 3 V; P = 16; RFIN = 900 MHz. 8 TA = 25°C; AVDD = DVDD = 3 V; P = 16; RFIN = 2.0 GHz. 9 TA = 25°C; AVDD = DVDD = 3 V; P = 32; RFIN = 6.0 GHz. 10 TA = 25°C; AVDD = DVDD = 3.3 V; R = 16383; A = 63; B = 891; P = 32; RFIN = 6.0 GHz. 11 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value) and 10 log FPFD. PNSYNTH = PNTOT − 10 log FPFD − 20 log N. 12 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, fRF, and at a frequency offset, f, is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL. 13 The phase noise is measured with the EV-ADF4106SD1Z evaluation board and the Agilent E4440A Spectrum Analyzer. The spectrum analyzer provides the REFIN for the synthesizer (fREFOUT = 10 MHz @ 0 dBm). 14 fREFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; fRF = 900 MHz; N = 4500; Loop B/W = 20 kHz. 15 fREFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; fRF = 5800 MHz; N = 29000; Loop B/W = 20 kHz. 16 fREFIN = 10 MHz; fPFD = 1 MHz; Offset Frequency = 1 kHz; fRF = 5800 MHz; N = 5800; Loop B/W = 100 kHz. TIMING CHARACTERISITICS AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise noted. Table 2. Parameter Limit1 (B Version) Unit Test Conditions/Comments t1 10 ns min DATA to CLOCK Setup Time t2 10 ns min DATA to CLOCK Hold Time t3 25 ns min CLOCK High Duration t4 25 ns min CLOCK Low Duration t5 10 ns min CLOCK to LE Setup Time t6 20 ns min LE Pulse Width 1 Operating temperature range (B Version) is –40°C to +85°C. |
Numéro de pièce similaire - ADF4106BRU-REEL7 |
|
Description similaire - ADF4106BRU-REEL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |