Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADEL2020 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADEL2020
Description  Improved Second Source to the EL2020
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADEL2020_15 Datasheet HTML 4Page - Analog Devices ADEL2020_15 Datasheet HTML 5Page - Analog Devices ADEL2020_15 Datasheet HTML 6Page - Analog Devices ADEL2020_15 Datasheet HTML 7Page - Analog Devices ADEL2020_15 Datasheet HTML 8Page - Analog Devices ADEL2020_15 Datasheet HTML 9Page - Analog Devices ADEL2020_15 Datasheet HTML 10Page - Analog Devices ADEL2020_15 Datasheet HTML 11Page - Analog Devices ADEL2020_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADEL2020
GENERAL DESIGN CONSIDERATIONS
The ADEL2020 is a current feedback amplifier optimized for
use in high performance video and data acquisition systems.
Since it uses a current feedback architecture, its closed-loop
bandwidth depends on the value of the feedback resistor. The
–3 dB bandwidth is also somewhat dependent on the power
supply voltage. Lowering the supplies increases the values of
internal capacitances, reducing the bandwidth. To compen-
sate for this, smaller values of feedback resistors are used at
lower supply voltages.
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can contribute to resonant circuits that
produce peaking in the amplifier’s response. In addition, if large
current transients must be delivered to the load, then bypass
capacitors (typically greater than 1
µF) will be required to
provide the best settling time and lowest distortion. Although
the recommended 0.1
µF power supply bypass capacitors will
be sufficient in most applications, more elaborate bypassing
(such as using two paralleled capacitors) may be required in
some cases.
CAPACITIVE LOADS
When used with the appropriate feedback resistor, the ADEL2020
can drive capacitive loads exceeding 1000 pF directly without
oscillation. Another method of compensating for large load
capacitance is to insert a resistor in series with the loop output.
In most cases, less than 50
Ω is all that is needed to achieve an
extremely flat gain response.
OFFSET NULLING
A 10 k
Ω pot connected between Pins 1 and 5, with its wiper con-
nected to V+, can be used to trim out the inverting input current
(with about
±20 µA of range). For closed-loop gains above about
5, this may not be sufficient to trim the output offset voltage to
zero. Tie the pot’s wiper to ground through a large value resistor
(50 k
Ω for ±5 V supplies, 150 kΩ for ±15 V supplies) to trim the
output to zero at high closed-loop gains.
OPERATION AS A VIDEO LINE DRIVER
The ADEL2020 is designed to offer outstanding performance at
closed-loop gains of 1 or greater. At a gain of 2, the ADEL2020
makes an excellent video line driver. The low differential gain
and phase errors and wide –0.1 dB bandwidth are nearly inde-
pendent of supply voltage and load. For applications requiring
widest 0.1 dB bandwidth, it is recommended to use 715
Ω feed-
back and gain resistors. This will result in about 0.05 dB of
peaking and a –0.1 dB bandwidth of 30 MHz on
±15 V supplies.
DISABLE MODE
By pulling the voltage on Pin 8 to common (0 V), the ADEL2020
can be put into a disabled state. In this condition, the supply
current drops to less than 2.8 mA, the output becomes a high
impedance, and there is a high level of isolation from input to
output. In the case of a line driver, for example, the output
impedance will be about the same as that for a 1.5 k
Ω resistor
(the feedback plus gain resistors) in parallel with a 13 pF capacitor
(due to the output), and the input to output isolation will be
better than 50 dB at 10 MHz.
Leaving the disable pin disconnected (floating) will leave the
part in the enabled state.
In cases where the amplifier is driving a high impedance load,
the input to output isolation will decrease significantly if the
input signal is greater than about 1.2 V p–p. The isolation can
be restored to the 50 dB level by adding a dummy load (say 150
Ω)
at the amplifier output. This will attenuate the feedthrough
signal. (This is not an issue for multiplexer applications where the
outputs of multiple ADEL2020s are tied together as long as at
least one channel is in the ON state.) The input impedance of
the disable pin is about 35 k
Ω in parallel with a few pF. When
grounded, about 50
µA flows out of the disable pin for ±5 V supplies.
Break-before-make operation is guaranteed by design. If driven
by standard CMOS logic, the disable time (until the output is
high impedance) is about 100 ns and the enable time (to low
impedance output) is about 160 ns. Since it has an internal pull-
up resistor of about 35 k
Ω, the ADEL2020 can be used with
open drain logic as well. In that case, the enable time increases
to about 1
µs.
If there is a nonzero voltage present on the amplifier’s output
at the time it is switched to the disabled state, some additional
decay time will be required for the output voltage to relax to
zero. The total time for the output to go to zero will normally
be about 250 ns; it is somewhat dependent on the load impedance.


Numéro de pièce similaire - ADEL2020_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADEL2020AN AD-ADEL2020AN Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20 AD-ADEL2020AR-20 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20-REEL AD-ADEL2020AR-20-REEL Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
More results

Description similaire - ADEL2020_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
PerkinElmer Optoelectro...
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com