Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD8502 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADD8502
Description  Integrated LCD Grayscale Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADD8502 Fiches technique(HTML) 3 Page - Analog Devices

  ADD8502_15 Datasheet HTML 1Page - Analog Devices ADD8502_15 Datasheet HTML 2Page - Analog Devices ADD8502_15 Datasheet HTML 3Page - Analog Devices ADD8502_15 Datasheet HTML 4Page - Analog Devices ADD8502_15 Datasheet HTML 5Page - Analog Devices ADD8502_15 Datasheet HTML 6Page - Analog Devices ADD8502_15 Datasheet HTML 7Page - Analog Devices ADD8502_15 Datasheet HTML 8Page - Analog Devices ADD8502_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
ADD8502
–3–
V1
VO
V2
V3
V4
SEE NOTE 3 ON SPECIFICATIONS TABLE
SEE NOTE 4 ON
SPECIFICATIONS TABLE
SEE NOTE 2 ON SPECIFICATIONS TABLE
VP0
VN0
VP1
VN1
VN2
VP2
V0 – V1
VN3
VP3
VN4
VP4
SEE NOTE 1 ON SPECIFICATIONS TABLE
Figure 3. Output Wave Form Diagram
Parameter
Symbol
Min Typ Max
Unit
SCK Cycle Time
t1
100
ns
SCK High Time
t2
45
ns
SCK Low Time
t3
45
ns
CS-LD Setup Time
t4
20
ns
Data Setup Time
t5
5ns
Data Hold Time
t6
5ns
LSB SCK High to
CS-LD High
t7
5ns
Minimum
CS-LD High Time
t8
10
ns
SCK to
CS-LD Active Edge Setup Time
t9
5ns
CS-LD High to SCK Positive Edge
t10
10
ns
SCK Frequency (Square Wave)
10
MHz
NOTES
1All input signals are specified with rise/fall time –5 ns (10% to 90% of V
DD) and timed from a voltage level
of (VS + VIH)/2.
2See Figure 2.
C3
C2
X1
X0
DIN
CS-LD
SCK
t8
t4
t5
t9
t6
t1
t3
t2
t7
t10
Figure 2. Serial Write Interface
Table I. Serial Data Timing Characteristics


Numéro de pièce similaire - ADD8502_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8502 AD-ADD8502 Datasheet
1Mb / 16P
   Integrated LCD Grayscale Generator
REV. 0
More results

Description similaire - ADD8502_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8502 AD-ADD8502 Datasheet
1Mb / 16P
   Integrated LCD Grayscale Generator
REV. 0
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
   Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
   Timing Generator for LCD Panels
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
   LCD DRIVER with CHARACTER GENERATOR
logo
Sony Corporation
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
   Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com