Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB2012T100MV Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce CB2012T100MV
Description  Wire-wound Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2012T100MV Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CB2012T100MV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Wire-wound Chip Inductors for Automotive / Industrial Applications (CB series)
CB2012T100MV
Features
Item Summary
10μH(±20%), 190mA, 300mA, 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
10μH(±20%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
190mA
Rated Current -Temperature Rise Current
300mA
DC Resistance (max)
0.91Ω
Avg. of DC.Resistance
0.7Ω
Self-resonant Frequency (min)
32MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2mm ±0.2
W
1.25mm ±0.2
H
1.25mm ±0.2
2015.03.18
1 / 1


Numéro de pièce similaire - CB2012T100MV

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2012T100M TAIYO-YUDEN-CB2012T100M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T100M TAIYO-YUDEN-CB2012T100M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100M TAIYO-YUDEN-CB2012T100M Datasheet
360Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2012T100M8 TAIYO-YUDEN-CB2012T100M8 Datasheet
295Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
logo
List of Unclassifed Man...
CB2012T100MR ETC1-CB2012T100MR Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
More results

Description similaire - CB2012T100MV

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016T150KV TAIYO-YUDEN-LB2016T150KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330KV TAIYO-YUDEN-LB2016T330KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T2R2MV TAIYO-YUDEN-LB2518T2R2MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T4R7MV TAIYO-YUDEN-LB2518T4R7MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T6R8MV TAIYO-YUDEN-LB2518T6R8MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T100MV TAIYO-YUDEN-LB2518T100MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T151MV TAIYO-YUDEN-LB2518T151MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T220KV TAIYO-YUDEN-LB2518T220KV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T331MV TAIYO-YUDEN-LB2518T331MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T470KV TAIYO-YUDEN-LB2518T470KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com