Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73422 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD73422
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73422 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD73422_15 Datasheet HTML 3Page - Analog Devices AD73422_15 Datasheet HTML 4Page - Analog Devices AD73422_15 Datasheet HTML 5Page - Analog Devices AD73422_15 Datasheet HTML 6Page - Analog Devices AD73422_15 Datasheet HTML 7Page - Analog Devices AD73422_15 Datasheet HTML 8Page - Analog Devices AD73422_15 Datasheet HTML 9Page - Analog Devices AD73422_15 Datasheet HTML 10Page - Analog Devices AD73422_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. 0
AD73422
–7–
PBGA BALL CONFIGURATION DESCRIPTIONS
BGA
Mnemonic
Location
Function
VINP1
T2
Analog Input to the inverting terminal of the inverting input amplifier on Channel 1’s Positive Input.
VFBP1
T1
Feedback connection from the output of the inverting amplifier on Channel 1’s positive input. When the input
amplifiers are bypassed, this pin allows direct access to the positive input of Channel 1’s sigma-delta modulator.
VINN1
T4
Analog Input to the inverting terminal of the inverting input amplifier on Channel 1’s Negative Input.
VFBN1
T3
Feedback connection from the output of the inverting amplifier on Channel 1’s positive input. When the input
amplifiers are bypassed, this pin allows direct access to the negative input of Channel 1’s sigma-delta modulator.
REFOUT
R7
Buffered Reference Output, which has a nominal value of 1.2 V. As the reference is common to the two
codec units, the reference value is set by the wired OR of the CRC:7 bits in each codec’s status register.
REFCAP
R6
A Bypass Capacitor to AGND2 of 0.1
µF is required for the on-chip reference. The capacitor should be
fixed to this pin.
DGND
P4
AFE Digital Ground/Substrate Connection.
DVDD
P3
AFE Digital Power Supply Connection.
ARESET
P5
Active Low Reset Signal. This input resets the entire chip, resetting the control registers and clearing the
digital circuitry.
SCLK2
P6
Output Serial Clock whose rate determines the serial transfer rate to/from the codec. It is used to clock data
or control information to and from the serial port (SPORT). The frequency of SCLK is equal to the fre-
quency of the master clock (AMCLK) divided by an integer number—this integer number being the prod-
uct of the external master clock rate divider and the serial clock rate divider.
AMCLK
P7
AFE Master Clock Input. AMCLK is driven from an external clock signal. If it is required to run the DSP
and AFE sections from a common clock crystal, AMCLK should be connected to the XTAL pin of the
DSP section.
SDO
R1
Serial Data Output of the Codec. Both data and control information may be output on this pin and is clocked on
the positive edge of SCLK. SDO is in three-state when no information is being transmitted and when SE is low.
SDOFS
R2
Framing Signal Output for SDO Serial Transfers. The frame sync is one bit wide and is active one SCLK
period before the first bit (MSB) of each output word. SDOFS is referenced to the positive edge of SCLK.
SDOFS is in three-state when SE is low.
SDIFS
R3
Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and is valid one SCLK pe-
riod before the first bit (MSB) of each input word. SDIFS is sampled on the negative edge of SCLK and is
ignored when SE is low.
SDI
R4
Serial Data Input of the Codec. Both data and control information may be input on this pin and are clocked
on the negative edge of SCLK. SDI is ignored when SE is low.
SE
R5
SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the out-
put pins of the SPORT are three-stated and the input pins are ignored. SCLK is also disabled internally in
order to decrease power dissipation. When SE is brought high, the control and data registers of the SPORT
are at their original values (before SE was brought low), however the timing counters and other internal
registers are at their reset values.
AGND
U1
AFE Analog Ground/Substrate Connection.
AVDD
U2
AFE Analog Power Supply Connection.
VOUTP2
U3
Analog Output from the Positive Terminal of Output Channel 2.
VOUTN2
U4
Analog Output from the Negative Terminal of Output Channel 2.
VOUTP1
U5
Analog Output from the Positive Terminal of Output Channel 1.
VOUTN1
U6
Analog Output from the Negative Terminal of Output Channel 1.
VINP2
U7
Analog Input to the inverting terminal of the inverting input amplifier on Channel 2’s Positive Input.
VFBP2
T7
Feedback connection from the output of the inverting amplifier on Channel 2’s positive input. When the input
amplifiers are bypassed, this pin allows direct access to the positive input of Channel 2’s sigma-delta modulator.
VINN2
T6
Analog Input to the inverting terminal of the inverting input amplifier on Channel 2’s Negative Input.
VFBN2
T5
Feedback connection from the output of the inverting amplifier on Channel 2’s Negative Input. When the input
amplifiers are bypassed, this pin allows direct access to the negative input of Channel 2’s sigma-delta modulator.
RESET
H3
(Input) Processor Reset Input.
BR
N1
(Input) Bus Request Input.
BG
L1
(Output) Bus Grant Output.
BGH
F5
(Output) Bus Grant Hung Output.
DMS
A2
(Output) Data Memory Select Output.
PMS
B2
(Output) Program Memory Select Output.
IOMS
C2
(Output) Memory Select Output.
BMS
D3
(Output) Byte Memory Select Output.
CMS
D2
(Output) Combined Memory Select Output.
RD
C3
(Output) Memory Read Enable Output.
WR
B3
(Output) Memory Write Enable Output.
IRQ2/
(Input) Edge- or Level-Sensitive Interrupt Request
1.
PF7
D1
(Input/Output) Programmable I/O Pin.
IRQL1/
(Input) Level-Sensitive Interrupt Requests
1.
PF6
C1
(Input/Output) Programmable I/O Pin.


Numéro de pièce similaire - AD73422_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73422BB-40 AD-AD73422BB-40 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD73422BB-80 AD-AD73422BB-80 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results

Description similaire - AD73422_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com