Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73360L Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73360L Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD73360L_15 Datasheet HTML 3Page - Analog Devices AD73360L_15 Datasheet HTML 4Page - Analog Devices AD73360L_15 Datasheet HTML 5Page - Analog Devices AD73360L_15 Datasheet HTML 6Page - Analog Devices AD73360L_15 Datasheet HTML 7Page - Analog Devices AD73360L_15 Datasheet HTML 8Page - Analog Devices AD73360L_15 Datasheet HTML 9Page - Analog Devices AD73360L_15 Datasheet HTML 10Page - Analog Devices AD73360L_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. 0
AD73360L
–7–
TERMINOLOGY
Absolute Gain
Absolute gain is a measure of converter gain for a known signal.
Absolute gain is measured (differentially) with a 1 kHz sine
wave at 0 dBm0 for each ADC. The absolute gain specification
is used for gain tracking error specification.
Crosstalk
Crosstalk is due to coupling of signals from a given channel to
an adjacent channel. It is defined as the ratio of the amplitude of
the coupled signal to the amplitude of the input signal. Crosstalk
is expressed in dB.
Gain Tracking Error
Gain tracking error measures changes in converter output for
different signal levels relative to an absolute signal level. The
absolute signal level is 0 dBm0 (equal to absolute gain) at 1 kHz
for each ADC. Gain tracking error at 0 dBm0 (ADC) is 0 dB by
definition.
Group Delay
Group delay is defined as the derivative of radian phase with
respect to radian frequency, dø(f)/df. Group delay is a measure
of average delay of a system as a function of frequency. A linear
system with a constant group delay has a linear phase response.
The deviation of group delay from a constant indicates the
degree of nonlinear phase response of the system.
Idle Channel Noise
Idle channel noise is defined as the total signal energy measured
at the output of the device when the input is grounded (mea-
sured in the frequency range 0 Hz–4 kHz).
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m nor n are equal to zero. For final testing, the second
order terms include (fa + fb) and (fa – fb), while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
Power Supply Rejection
Power supply rejection measures the susceptibility of a device to
noise on the power supply. Power supply rejection is measured
by modulating the power supply with a sine wave and measuring
the noise at the output (relative to 0 dB).
Sample Rate
The sample rate is the rate at which each ADC updates its output
register. It is set relative to the DMCLK and the programmable
sample rate setting.
SNR + THD
Signal-to-noise ratio plus harmonic distortion is defined to be
the ratio of the rms value of the measured input signal to the
rms sum of all other spectral components in a given frequency
range, including harmonics but excluding dc.
ABBREVIATIONS
ADC
Analog-to-Digital Converter.
BW
Bandwidth.
CRx
A Control Register where x is a placeholder for
an alphabetic character (A–E). There are eight
read/write control registers on the AD73360L—
designated CRA through CRE.
CRx:n
A bit position, where n is a placeholder for a
numeric character (0–7), within a control regis-
ter; where x is a placeholder for an alphabetic
character (A–E). Position 7 represents the MSB
and Position 0 represents the LSB.
DMCLK
Device (Internal) Master Clock. This is the
internal master clock resulting from the external
master clock (MCLK) being divided by the on-
chip master clock divider.
FSLB
Frame Sync Loop-Back—where the SDOFS of
the final device in a cascade is connected to the
RFS and TFS of the DSP and the SDIFS of first
device in the cascade. Data input and output
occur simultaneously. In the case of non-FSLB,
SDOFS and SDO are connected to the Rx Port
of the DSP while SDIFS and SDI are connected
to the Tx Port.
PGA
Programmable Gain Amplifier.
SC
Switched Capacitor.
SNR
Signal-to-Noise Ratio.
SPORT
Serial Port.
THD
Total Harmonic Distortion.
VBW
Voice Bandwidth.


Numéro de pièce similaire - AD73360L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
More results

Description similaire - AD73360L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com