Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UPC1934 Datasheet(Fiches technique) 16 Page - NEC

Numéro de pièce UPC1934
Description  DC-DC CONVERTER CONTROL IC
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo 

 
 16 page
background image
Data Sheet G13567EJ3V0DS00
16
µµµµ PC1934
5.
PACKAGE DRAWINGS
16
9
18
S
N
S
detail of lead end
C
M
M
A
H
K
L
P
J
I
G
E
F
D
B
ITEM
B
C
H
L
M
16-PIN PLASTIC SSOP (5.72 mm (225))
A
J
D
E
F
G
I
N
MILLIMETERS
0.65 (T.P.)
0.475 MAX.
0.5
±0.2
6.2
±0.3
0.10
5.2
±0.3
0.9
±0.2
0.22
±0.8
0.125
±0.075
1.44
1.565
±0.235
4.4
±0.2
0.10
5
°±5°
P
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
K
0.17+
0.08
−0.07
P16GM-65-225B-4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AMC34063DC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
SI9124500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control 1 2 3 4 5 MoreVishay Siliconix
AN8017SA1.8-volt 2-channel step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl