Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD12400 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD12400
Description  12-Bit, 400 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD12400 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD12400_15 Datasheet HTML 6Page - Analog Devices AD12400_15 Datasheet HTML 7Page - Analog Devices AD12400_15 Datasheet HTML 8Page - Analog Devices AD12400_15 Datasheet HTML 9Page - Analog Devices AD12400_15 Datasheet HTML 10Page - Analog Devices AD12400_15 Datasheet HTML 11Page - Analog Devices AD12400_15 Datasheet HTML 12Page - Analog Devices AD12400_15 Datasheet HTML 13Page - Analog Devices AD12400_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD12400
Rev. A | Page 10 of 24
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the rms signal amplitude (set 1 dB below full scale)
to the rms value of the sum of all other spectral components,
including harmonics, but excluding dc and image spur.
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral
components, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component, except the image spur. The
peak spurious component may or may not be an harmonic. It
can be reported in dBc (that is, degrades as signal level is
lowered) or dBFS (always related back to converter full-scale).
Total Noise
Calculated as
)
(
.
Z
V
dBFS
dBc
dBm
Signal
SNR
FS
NOISE
10
10
001
0
×
×
=
where:
Z is the input impedance.
FS is the full scale of the device for the frequency in question.
SNR is the value of the particular input level.
Signal is the signal level within the ADC reported in dB below
full scale. This value includes both thermal and quantization
noise.
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third-order intermodulation product; reported in
dBc.
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product. It can be reported in dBc
(that is, degrades as signal level is lowered) or in dBFS (always
related back to converter full-scale).


Numéro de pièce similaire - AD12400_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD12400/KIT AD-AD12400/KIT Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
AD12400JWS AD-AD12400JWS Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
AD12400KWS AD-AD12400KWS Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
More results

Description similaire - AD12400_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400 Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com