Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9927 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9927 Fiches technique(HTML) 3 Page - Analog Devices

  AD9927_15 Datasheet HTML 1Page - Analog Devices AD9927_15 Datasheet HTML 2Page - Analog Devices AD9927_15 Datasheet HTML 3Page - Analog Devices AD9927_15 Datasheet HTML 4Page - Analog Devices AD9927_15 Datasheet HTML 5Page - Analog Devices AD9927_15 Datasheet HTML 6Page - Analog Devices AD9927_15 Datasheet HTML 7Page - Analog Devices AD9927_15 Datasheet HTML 8Page - Analog Devices AD9927_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
AD9927
Rev. 0 | Page 3 of 100
SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE INPUTS
AVDD (AFE Analog Supply)
1.6
1.8
2.0
V
TCVDD (Timing Core Supply)
1.6
1.8
2.0
V
CLIVDD (CLI Input Supply)
1.6
3.0
3.6
V
RGVDD (RG, HL Driver)
2.7
3.0
3.6
V
HVDD (H1 to H8 Drivers)
2.7
3.0
3.6
V
DVDD (Digital Logic)
1.6
1.8
2.0
V
DRVDD (Parallel Data Output Drivers)
1.6
3.0
3.6
V
IOVDD (Digital I/O)
2.7
3.0
3.6
V
XVVDD (Vertical Output Drivers)
2.7
3.0
3.6
V
CP1P8 (CP Supply Input)
1.6
1.8
2.0
V
LDOIN (LDO Supply Input)
2.25
3.0
3.6
V
V-DRIVER POWER SUPPLY VOLTAGES
VDD1, VDD2 (V-Driver Logic)
2.7
3.0
3.6
V
VH1, VH2 (V-Driver High Supply)
11.5
15.0
16.5
V
VL1, VL2 (V-Driver Low Supply)
−8.5
−7.5
−5.5
V
VM1, VM2 (V-Driver Mid Supply)
−1.5
0.0
+1.5
V
VLL (SUBCK Low Supply)
−8.5
−7.5
−5.5
V
VMM (SUBCK Mid Supply)
−4.0
0.0
+0.3
V
POWER SUPPLY CURRENTS—40 MHz OPERATION
AVDD (1.8 V)
27
mA
TCVDD (1.8 V)
5
mA
CLIVDD (3 V)
1.5
mA
RGVDD (3.3 V, 20 pF RG Load, 20 pF HL Load)
10
mA
HVDD1 (3.3 V, 480 pF Total Load on H1 to H8)
59
mA
DVDD (1.8 V)
9.5
mA
DRVDD (3 V, 10 pF Load on Each DOUT Pin)
6
mA
IOVDD (3 V, Depends on Load and Output Frequency of Digital I/O)
2
mA
XVVDD (3 V, Depends on Load and Output Frequency of XV Signals)
2
mA
POWER SUPPLY CURRENTS—STANDBY MODE OPERATION
Standby1 Mode
12
mA
Standby2 Mode
5
mA
Standby3 Mode
1.5
mA
MAXIMUM CLOCK RATE (CLI)
40
MHz
1 The total power dissipated by the HVDD (or RGVDD) supply can be approximated using the equation
Total HVDD Power = [CL × HVDD × Pixel Frequency] × HVDD
Reducing the capacitive load and/or reducing the HVDD supply reduces the power dissipation. CL is the total capacitance seen by all H-outputs.


Numéro de pièce similaire - AD9927_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9927BBCZ AD-AD9927BBCZ Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
AD9927BBCZRL AD-AD9927BBCZRL Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
More results

Description similaire - AD9927_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928 AD-AD9928 Datasheet
74Kb / 2P
   Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com