Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC1857A Fiches technique(PDF) 4 Page - NEC

No de pièce UPC1857A
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC1857A Fiches technique(HTML) 4 Page - NEC

  UPC1857A Datasheet HTML 1Page - NEC UPC1857A Datasheet HTML 2Page - NEC UPC1857A Datasheet HTML 3Page - NEC UPC1857A Datasheet HTML 4Page - NEC UPC1857A Datasheet HTML 5Page - NEC UPC1857A Datasheet HTML 6Page - NEC UPC1857A Datasheet HTML 7Page - NEC UPC1857A Datasheet HTML 8Page - NEC UPC1857A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
µµµµPC1857A
BLOCK DIAGRAM
29
30
28
24
23
22
21
20
15
19
18
10
26
27
25
1
14
6
5
4
3
2
8
12
11
820 k
LPF
LPF
PS1 PS2 PS3 PS4
0.082
VCC
1
2
22
12 V
680 pF
µµ
µ
µ
µ
µ
µ
µ
µ
µ
µ
MFO
Lin
MFI
LF1
DGND
LBC
LTC
VOL-C
Lout
Rout
3300 pF
OFL1 OFL2
ADS SDA SCL
L + R
L +
R -
L
R
+
+
+
+
+
-
+
-
+
+
+
+
+
+
+
+
-
VCC
F
2.2 F
Rin
FC1 FC2 FC3 FC4
OFR1 OFR2
LF2
AGND
RBC
RTC
BAL-C
+
2.2 F
0.1 F
0.022
1000 pF
F
0.047
3300 pF
F
3.3
F
2.2
F
0.022
2200 pF
F
MIX
+
2.2 F
F
2.2
+
F
3.3 F
0.047 F
VCC
1
2
I
2C bus
interface
Volume,
balance
control/
mute
Tone
control
Tone
control
Offset
absorption
Offset
absorption
Output
select
Effect
control
Phase shifter
7
16
13
9
17
+
µ
µ
µ


Numéro de pièce similaire - UPC1857A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPC1857A RENESAS-UPC1857A Datasheet
432Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC1857ACT RENESAS-UPC1857ACT Datasheet
432Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results

Description similaire - UPC1857A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC1853 NEC-UPC1853 Datasheet
544Kb / 76P
   MATRIX SURROUND IC WITH I2C BUS
logo
NXP Semiconductors
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
   Satellite sound receiver with I2C-bus control
1996 Mar 11
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
logo
NXP Semiconductors
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
   Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com