Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10265 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10265 Fiches technique(HTML) 3 Page - Analog Devices

  AD10265_15 Datasheet HTML 1Page - Analog Devices AD10265_15 Datasheet HTML 2Page - Analog Devices AD10265_15 Datasheet HTML 3Page - Analog Devices AD10265_15 Datasheet HTML 4Page - Analog Devices AD10265_15 Datasheet HTML 5Page - Analog Devices AD10265_15 Datasheet HTML 6Page - Analog Devices AD10265_15 Datasheet HTML 7Page - Analog Devices AD10265_15 Datasheet HTML 8Page - Analog Devices AD10265_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Test
Mil
AD10265AZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
9
Analog Input @ 1.24 MHz
25
°C
I
4
75
80
dBFS
Full
II
5, 6
74
80
dBFS
@ 17 MHz
25
°C
I
4
71
80
dBFS
Full
II
5, 6
70
79
dBFS
@ 32 MHz
25
°C
V
79
dBFS
Full
V
79
dBFS
TWO-TONE IMD REJECTION
10
f1, f2 @ –7 dBFS
Full
V
4, 5, 6
66
77
dBc
CHANNEL-TO-CHANNEL ISOLATION
11
25
°CIV
12
80
dB
LINEARITY
Differential Nonlinearity
(Encode = 20 MHz)
25
°C
IV
12
–1.0
±0.5
+1.5
LSB
Integral Nonlinearity
(Encode = 20 MHz)
Full
V
±1.25
LSB
DIGITAL OUTPUTS
Logic Compatibility
CMOS
Logic “1” Voltage
Full
I
1, 2, 3
2.8
DVCC – 0.2
V
Logic “0” Voltage
Full
I
1, 2, 3
0.2
0.5
V
Output Coding
Two’s Complement
POWER SUPPLY
AVCC Supply Voltage
Full
V
+5.0
V
I (AVCC) Current
Full
V
336
mA
AVEE Supply Voltage
Full
V
–5.0
V
I (AVEE) Current
Full
V
66
mA
DVCC Supply Voltage
Full
V
+3.3
V
I (DVCC) Current
Full
V
20
mA
ICC (Total) Supply Current
Full
I
1, 2, 3
422
520
mA
Power Dissipation (Total)
Full
I
1, 2, 3
2.1
2.4
W
Power Supply Rejection Ratio (PSRR)
Full
IV
12
0.01
0.02
% FSR/% VS
NOTES
1Gain tests are performed on A
IN1 over specified input voltage range.
2Input capacitance specifications show only ceramic package capacitance.
3Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4ENCODE driven by single-ended source;
ENCODE bypassed to ground through 0.01
µF capacitor.
5ENCODE may also be driven differentially in conjunction with
ENCODE; see “Encoding the AD10265” for details.
6Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first 5 harmonics removed). Encode = 65 MSPS.
8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 65 MSPS.
9Analog Input signal equal –1 dBFS; SFDR is ratio of converter full scale to worst spur.
10Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product. f1 = 17.0 MHz
± 100 kHz, f2 = 18.0 MHz ± 100 kHz.
11Channel-to-channel isolation tested with A channel/50 ohm terminated <A
IN2 grounded, and a full-scale signal applied to B channel (A IN1).
All specifications guaranteed within 100 ms of initial power-up, regardless of sequencing.
Specifications subject to change without notice.
AD10265
–3–
REV. A


Numéro de pièce similaire - AD10265_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD10265/PCB AD-AD10265/PCB Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265AZ AD-AD10265AZ Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265PCB AD-AD10265PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Description similaire - AD10265_15

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com