Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9513 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9513 Fiches technique(HTML) 4 Page - Analog Devices

  AD9513_15 Datasheet HTML 1Page - Analog Devices AD9513_15 Datasheet HTML 2Page - Analog Devices AD9513_15 Datasheet HTML 3Page - Analog Devices AD9513_15 Datasheet HTML 4Page - Analog Devices AD9513_15 Datasheet HTML 5Page - Analog Devices AD9513_15 Datasheet HTML 6Page - Analog Devices AD9513_15 Datasheet HTML 7Page - Analog Devices AD9513_15 Datasheet HTML 8Page - Analog Devices AD9513_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9513
Rev. 0 | Page 4 of 28
TIMING CHARACTERISTICS
CLK input slew rate = 1 V/ns or greater.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS
Termination = 100 Ω differential
Output Rise Time, tRL
200
350
ps
20% to 80%, measured differentially
Output Fall Time, tFL
210
350
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUT
Delay off on OUT2
OUT0, OUT1, OUT2
Divide = 1
1.03
1.29
1.62
ns
Divide = 2 − 32
1.09
1.35
1.68
ns
Variation with Temperature
0.9
ps/°C
OUT2
Divide = 1
1.07
1.35
1.69
ns
Divide = 2 − 32
1.13
1.41
1.75
ns
Variation with Temperature
0.9
ps/°C
OUTPUT SKEW, LVDS OUTPUTS
Delay off on OUT2
OUT0 to OUT1 on Same Part, tSKV 1
−135
−20
+125
ps
OUT0 to OUT2 on Same Part, tSKV1
−205
−65
+90
ps
All LVDS OUTs Across Multiple Parts, tSKV_AB 2
375
ps
Same LVDS OUTs Across Multiple Parts, tSKV_AB2
300
ps
CMOS
B outputs are inverted; termination = open
Output Rise Time, tRC
650
865
ps
20% to 80%; CLOAD = 3 pF
Output Fall Time, tFC
650
990
ps
80% to 20%; CLOAD = 3 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUT
Delay off on OUT2
OUT0, OUT1
Divide = 1
1.14
1.46
1.89
ns
Divide = 2 − 32
1.19
1.51
1.94
ns
Variation with Temperature
1
ps/°C
OUT2
Divide = 1
1.20
1.53
1.97
ns
Divide = 2 − 32
1.24
1.57
2.01
ns
Variation with Temperature
1
ps/°C
OUTPUT SKEW, CMOS OUTPUTS
Delay off on OUT2
All CMOS OUTs on Same Part, tSKC1
−230
+135
ps
All CMOS OUTs Across Multiple Parts, tSKC_AB2
415
ps
Same CMOS OUTs Across Multiple Parts, tSKC_AB2
330
ps
LVDS-TO-CMOS OUT
Everything the same; different logic type
Output Skew, tSKV_C
510
ps
LVDS to CMOS on same part
DELAY ADJUST (OUT2; LVDS AND CMOS)
S0 = 1/3
Zero-Scale Delay Time3
0.35
ns
Zero-Scale Variation with Temperature
0.20
ps/°C
Full-Scale Time Delay3
1.8
ns
Full-Scale Variation with Temperature
−0.38
ps/°C
S0 = 2/3
Zero-Scale Delay Time3
0.48
ns
Zero-Scale Variation with Temperature
0.31
ps/°C
Full-Scale Time Delay3
6.0
ns
Full-Scale Variation with Temperature
−1.3
ps/°C


Numéro de pièce similaire - AD9513_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
More results

Description similaire - AD9513_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9513 AD-AD9513 Datasheet
609Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
AD9514 AD-AD9514 Datasheet
633Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9512 AD-AD9512 Datasheet
125Kb / 2P
   800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
Rev. PrA
AD9515 AD-AD9515 Datasheet
656Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. 0
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com