Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9397 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9397
Description  DVI Display Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9397 Fiches technique(HTML) 3 Page - Analog Devices

  AD9397_15 Datasheet HTML 1Page - Analog Devices AD9397_15 Datasheet HTML 2Page - Analog Devices AD9397_15 Datasheet HTML 3Page - Analog Devices AD9397_15 Datasheet HTML 4Page - Analog Devices AD9397_15 Datasheet HTML 5Page - Analog Devices AD9397_15 Datasheet HTML 6Page - Analog Devices AD9397_15 Datasheet HTML 7Page - Analog Devices AD9397_15 Datasheet HTML 8Page - Analog Devices AD9397_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9397
Rev. 0 | Page 3 of 28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD, VD = 3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 1.
AD9397KSTZ-100
AD9397KSTZ-150
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
Data-to-Clock Skew
Full
IV
−0.5
+2.0
−0.5
+2.0
ns
Serial Port Timing
tBUFF
Full
VI
4.7
4.7
μs
tSTAH
Full
VI
4.0
4.0
μs
tDHO
Full
VI
0
0
μs
tDAL
Full
VI
4.7
4.7
μs
tDAH
Full
VI
4.0
4.0
μs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
μs
tSTOSU
Full
VI
4.0
4.0
μs
DIGITAL INPUTS (5 V TOLERANT)
Input Voltage, High (VIH)
Full
VI
2.6
2.6
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
V
−82
−82
μA
Input Current, Low (IIL)
Full
V
82
82
μA
Input Capacitance
25°C
V
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
0.4
V
Duty Cycle, DATACK
Full
V
45
50
55
45
50
55
%
Output Coding
Binary
Binary
POWER SUPPLY
VD Supply Voltage
Full
IV
3.15
3.3
3.47
3.15
3.3
3.47
V
DVDD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
VDD Supply Voltage
Full
IV
1.7
3.3
3.47
1.7
3.3
3.47
V
PVDD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
ID Supply Current (VD)
25°C
VI
260
300
330
mA
IDVDD Supply Current (DVDD)
25°C
VI
45
60
85
mA
IDD Supply Current (VDD)1
25°C
VI
37
1002
1302
mA
IPVDD Supply Current (PVDD)
25°C
VI
10
15
20
mA
Total Power
Full
VI
1.1
1.4
1.15
1.4
W
Power-Down Dissipation
Full
VI
130
130
mW
THERMAL CHARACTERISTICS
θJA Junction to Ambient
V
35
35
°C/W
1 DATACK load = 15 pF, data load = 5 pF.
2 Specified current and power values with a worst-case pattern (on/off).


Numéro de pièce similaire - AD9397_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9397/PCB AD-AD9397/PCB Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-100 AD-AD9397KSTZ-100 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-150 AD-AD9397KSTZ-150 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
More results

Description similaire - AD9397_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9397 AD-AD9397 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
   DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Axiomtek Co., Ltd.
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
logo
Vecow Co., Ltd.
RCS-9430F VECOW-RCS-9430F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421FR VECOW-RCS-9421FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430FR VECOW-RCS-9430FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9412FR VECOW-RCS-9412FR Datasheet
437Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421F VECOW-RCS-9421F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com