Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9389B Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9389B
Description  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9389B Fiches technique(HTML) 4 Page - Analog Devices

  AD9389B_15 Datasheet HTML 1Page - Analog Devices AD9389B_15 Datasheet HTML 2Page - Analog Devices AD9389B_15 Datasheet HTML 3Page - Analog Devices AD9389B_15 Datasheet HTML 4Page - Analog Devices AD9389B_15 Datasheet HTML 5Page - Analog Devices AD9389B_15 Datasheet HTML 6Page - Analog Devices AD9389B_15 Datasheet HTML 7Page - Analog Devices AD9389B_15 Datasheet HTML 8Page - Analog Devices AD9389B_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9389B
Rev. 0 | Page 4 of 12
Parameter
Conditions
Temp
Test
Level1
Min
Typ
Max
Unit
AUDIO AC TIMING
Sample Rate
I2S and S/PDIF
Full
IV
32
192
kHz
I2S Bit Width
Full
IV
16
24
Bits
I2S Cycle Time
25°C
IV
1
UI2
I2S Setup Time
25°C
IV
15
ns
I2S Hold Time
25°C
IV
0
ns
Audio Pipeline Delay
25°C
IV
75
μs
1 See
section.
Explanation of Test Levels
2 UI = unit interval.


Numéro de pièce similaire - AD9389B_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389B/PCB AD-AD9389B/PCB Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBCPZ-165 AD-AD9389BBCPZ-165 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBCPZ-80 AD-AD9389BBCPZ-80 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBSTZ-165 AD-AD9389BBSTZ-165 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBSTZ-80 AD-AD9389BBSTZ-80 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Description similaire - AD9389B_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com