Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9288 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9288 Fiches technique(HTML) 4 Page - Analog Devices

  AD9288_15 Datasheet HTML 1Page - Analog Devices AD9288_15 Datasheet HTML 2Page - Analog Devices AD9288_15 Datasheet HTML 3Page - Analog Devices AD9288_15 Datasheet HTML 4Page - Analog Devices AD9288_15 Datasheet HTML 5Page - Analog Devices AD9288_15 Datasheet HTML 6Page - Analog Devices AD9288_15 Datasheet HTML 7Page - Analog Devices AD9288_15 Datasheet HTML 8Page - Analog Devices AD9288_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9288
Rev. C | Page 4 of 24
Test
AD9288BST-100
AD9288BST-80
AD9288BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE6
Transient Response
25°C
V
2
2
2
ns
Overvoltage Recovery Time
25°C
V
2
2
2
ns
Signal-to-Noise Ratio (SNR)
(without Harmonics)
fIN = 10.3 MHz
25°C
I
47.5
47.5
44
47.5
dB
fIN = 26 MHz
25°C
I
47.5
44
47
dB
fIN = 41 MHz
25°C
I
44
47.0
dB
Signal-to-Noise Ratio
(SINAD) (with Harmonics)
fIN = 10.3 MHz
25°C
I
47
47
44
47
dB
fIN = 26 MHz
25°C
I
47
44
47
dB
fIN = 41 MHz
25°C
I
44
47
47
dB
Effective Number of Bits
fIN = 10.3 MHz
25°C
I
7.5
7.5
7.0
7.5
Bits
fIN = 26 MHz
25°C
I
7.5
7.0
7.5
Bits
fIN = 41 MHz
25°C
I
7.0
7.5
7.5
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25°C
I
70
70
55
70
dBc
fIN = 26 MHz
25°C
I
70
55
70
dBc
fIN = 41 MHz
25°C
I
55
70
70
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25°C
I
60
60
55
60
dBc
fIN = 26 MHz
25°C
I
60
55
60
dBc
fIN = 41 MHz
25°C
I
52
60
60
dBc
Two-Tone Intermod
Distortion (IMD)
fIN = 10.3 MHz
25°C
V
60
60
60
dBc
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2 tV and tPD are measured from the 1.5 V level of the Encode input to the 10%/90% levels of the digital outputs swing. The digital output load during test is not to exceed
an ac load of 10 pF or a dc current of ±40 µA.
3 Digital supply current based on VDD = 3.0 V output drive with < 10 pF loading under dynamic test conditions.
4 Power dissipation measured under the following conditions: fS = 100 MSPS, analog input is –0.7 dBFS, both channels in operation.
5 Standby dissipation calculated with Encode clock in operation.
6 SNR/harmonics based on an analog input voltage of –0.7 dBFS referenced to a 1.024 V full-scale input range.
EXPLANATION OF TEST LEVELS
Level
Description
I
100% production tested.
II
100% production tested at 25
°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C; guaranteed by design and characterization testing for industrial temperature range;
100% production tested at temperature extremes for military devices.


Numéro de pièce similaire - AD9288_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Description similaire - AD9288_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com