Moteur de recherche de fiches techniques de composants électroniques |
|
AD9236 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD9236 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 36 page Data Sheet AD9236 Rev. C | Page 3 of 36 DC SPECIFICATIONS AVDD = 3 V, DRVDD = 2.5 V, sample rate = 80 MSPS, 2 V p-p differential input, 1.0 V external reference, unless otherwise noted. Table 1. Parameter Temp Test Level AD9236BRU/AD9236BCP Unit Min Typ Max RESOLUTION Full VI 12 Bits ACCURACY No Missing Codes Full VI Guaranteed Offset Error1 Full VI ±0.30 ±1.30 % FSR Gain Error 25°C V ±0.10 % FSR Gain Error1 Full VI ±0.30 ±4.34 % FSR Differential Nonlinearity (DNL)2 Full VI ±0.40 ±0.65 LSB Integral Nonlinearity (INL)2 Full VI ±0.35 ±1.20 LSB TEMPERATURE DRIFT Offset Error1 Full V ±6 ppm/°C Gain Error Full V ±12 ppm/°C Gain Error1 Full V ±18 ppm/°C INTERNAL VOLTAGE REFERENCE Output Voltage Error (1 V) Full VI ±2 ±35 mV Load Regulation @ 1.0 mA 25°C V 0.8 mV Output Voltage Error (0.5 V) 25°C V ±1 mV Load Regulation @ 0.5 mA 25°C V 0.1 mV INPUT REFERRED NOISE VREF = 0.5 V 25°C V 0.55 LSB rms VREF = 1.0 V 25°C V 0.28 LSB rms ANALOG INPUT Input Span, VREF = 0.5 V Full IV 1 V p-p Input Span, VREF = 1.0 V Full IV 2 V p-p Input Capacitance3 Full V 7 pF REFERENCE INPUT RESISTANCE Full V 7 kΩ POWER SUPPLIES Supply Voltage AVDD Full IV 2.7 3.0 3.6 V DRVDD Full IV 2.25 2.5 3.6 V Supply Current IAVDD4 Full VI 122 137 mA IDRVDD4 25°C V 8 mA PSRR 25°C V ±0.01 % FSR POWER CONSUMPTION Low Frequency Input4 25°C V 366 mW Standby Power5 25°C V 1.0 mW 1 With a 1.0 V internal reference. 2 Measured at low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit. 3 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 5 for the equivalent analog input structure. 4 Measured at AC Specifications conditions without output drivers. 5 Measured with a dc input, CLK pin inactive (that is, set to AVDD or AGND). |
Numéro de pièce similaire - AD9236_15 |
|
Description similaire - AD9236_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |