Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9059 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9059
Description  Dual 8-Bit, 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9059 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9059_15 Datasheet HTML 4Page - Analog Devices AD9059_15 Datasheet HTML 5Page - Analog Devices AD9059_15 Datasheet HTML 6Page - Analog Devices AD9059_15 Datasheet HTML 7Page - Analog Devices AD9059_15 Datasheet HTML 8Page - Analog Devices AD9059_15 Datasheet HTML 9Page - Analog Devices AD9059_15 Datasheet HTML 10Page - Analog Devices AD9059_15 Datasheet HTML 11Page - Analog Devices AD9059_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
–10–
AD9059
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
CK OE
1
11
U5
74ACQ574
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
D0B
D1B
D2B
D3B
D4B
D5B
D6B
D7B
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
CK
OE
1
11
U6
74ACQ574
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1
2
3
4
5
6
U7
74AC00
12
13
11
R15
50
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5V
5V
E10
E3
E11
C12
0.1µF
E14
E15
E13
PWRDN
5V
E1
E2
E12
R5
10
R14
1k
8
7
6
5
DIS
+VS
NC
NC
–VS
U4
AD8041Q
1
2
3
4
R11
1k
E8
R13
50
BNC
J5
ANALOG IN–A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
P2
C37DRPF
R7
1k
BNC
J10
ENCODE
J12, GND
C14
0.1µF
C7
0.1µF
C6
0.1µF
C15
10µF
C13
0.1µF
C5
0.1µF
C4
0.1µF
C3
0.1µF
5V
DECOUPLING CAPS
J11, VD
E7
E9
U1
AD9059RS
AINA
VREF
PWRDN
GND
VD
VDD
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
AINB
GND
ENC
GND
VD
VDD
D7B
D6B
D5B
D4B
D3B
D2B
D1B
D0B
D7B
D6B
D5B
D4B
D3B
D2B
D1B
D0B
C8
0.1µF
C16
10µF
J9, VDD
C9
0.1µF
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
U7
74AC00
U7
74AC00
C10
0.1µF
C17
10µF
R9
10k
R8
10k
R15
1k
J1, REF
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
R4
10
8
7
6
5
DIS
+VS
NC
NC
–VS
U3
AD8041Q
1
2
3
4
R10
1k
E5
R12
50
BNC
J4
ANALOG IN–B
R8
1k
E4
E6
5V
C11
0.1µF
5V
Figure 7. AD9059 Dual Evaluation Board Schematic


Numéro de pièce similaire - AD9059_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results

Description similaire - AD9059_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com