Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW61 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BCW61
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW61 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW61_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW61_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BCW61 (KCW61)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-32
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-32
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -32 V , IE=0
-20
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-20
IC=-10 mA, IB=-0.25mA
-60
-250
IC=-50 mA, IB=-1.25mA
-120
-550
IC=-10 mA, IB=-0.25mA
-0.6
-0.85
IC=-50 mA, IB=-1.25mA
-0.68
-1.05
Base - emitter voltage
VBE
VCE= -5V, IC= -2mA
-0.6
-0.75
DC current gain
BCW61B
30
BCW61C
40
BCW61D
100
DC current gain
BCW61A
120
220
BCW61B
180
310
BCW61C
250
460
BCW61D
380
630
DC current gain
BCW61A
60
BCW61B
80
BCW61C
100
BCW61D
110
Collector output capacitance
Cob
VCB= -10V,IE=0, f=1MHz
4.5
Collector input capacitance
Cib
VEB= -0.5V,IC=0, f=1MHz
11
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
VBE(sat)
hFE(1)
hFE(2)
VCE= -5V, IC= -10uA
VCE= -5V, IC= -2mA
V
nA
mV
V
hFE(3)
VCE= -1V, IC= -50mA
pF
Classification of hfe(2)
Type
BCW61A
BCW61B
BCW61C
BCW61D
Range
120-220
180-310
250-460
380-630
Marking
BA
BB
BC
BD


Numéro de pièce similaire - BCW61_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCW61 PHILIPS-BCW61_15 Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
More results

Description similaire - BCW61_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com