Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP56 Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BCP56
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP56 Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP56 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP56 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCP56 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
BCP54,BCP55,BCP56
(KCP54,KCP55,KCP56)
Typical Characterisitics
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
1
10
100
1000
10
100
1000
0
25
50
75
100
125
150
0
300
600
900
1200
1500
1800
1
10
100
1000
0.4
0.6
0.8
1.0
0.1
1
10
1
10
100
100
10
100
0
1
2
3
4
5
0
50
100
150
200
250
1
10
100
1000
10
100
1000
V
CB/ VEB
C
ob/ Cib
——
V
BE
I
C
——
I
C
h
FE
——
T
a=100
T
a=25
COMMON EMITTER
V
CE=2V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
T
a=25
COMMON EMITTER
V
CE=2V
300
30
COLLECTOR CURRENT
I
C
(mA)
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
T
a=100
T
a=25
β=10
COLLECTOR CURRENT
I
C
(mA)
300
300
f=1MHz
I
E=0/IC=0
T
a=25
C
ob
C
ib
0.3
20
3
REVERSE BIAS VOLTAGE
V (V)
10
30
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a=25
1.0mA
0.7mA
0.9mA
0.6mA
0.5mA
0.8mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a=25
T
a=100
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
300
30
COLLECTOR CURRENT
I
C
(mA)


Numéro de pièce similaire - BCP56

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP56 PHILIPS-BCP56 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Shanghai Leiditech Elec...
BCP56 LEIDITECH-BCP56 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
STMicroelectronics
BCP56 STMICROELECTRONICS-BCP56 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Diodes Incorporated
BCP56 DIODES-BCP56 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

Description similaire - BCP56

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com