Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP68 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BCP68
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP68 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP68_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP68_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCP68 (KCP68)
Electrical Characteristics Ta = 25℃
Typical Characterisitics
Fig.1 DC current gain; typical values.
VCE = 1 V.
0
100
300
250
200
150
50
hFE
10−1
1
IC (mA)
0
1
0
1
2
104
103
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE=0
32
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB=0
20
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC=0
5
VCB= 25 V , IE=0
100
nA
VCB= 25 V , IE=0,TJ=150℃
10
uA
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
nA
Collector-emitter saturation voltage
VCE(sat) IC=1 A, IB=100mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=1 A, IB=100mA
1.2
VCE= 10V, IC= 5mA
0.62
VCE= 1V, IC= 1 A
1
VCE= 10V, IC= 5mA
50
VCE= 1V, IC= 500mA
85
375
VCE= 1V, IC= 1 A
60
Collector capacitance
Cob
VCB= 5V, IE= Ie=0,f=1MHz
38
pF
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
40
MHz
DC current gain
hFE
Collector-base cut-off current
ICBO
V
Base - emitter voltage
VBE
V
Classification of hfe(2)
Type
BCP68
BCP68-16
BCP68-25
Range
85-375
100-250
160-375
Marking
BCP68
BCP68-16
BCP68-25


Numéro de pièce similaire - BCP68_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Unisonic Technologies
BCP68 UTC-BCP68_15 Datasheet
182Kb / 3P
   NPN MEDIUM POWER TRANSISTOR
More results

Description similaire - BCP68_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com