Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8641 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8641
Description  Low Power, Rail-to-Rail Output, Precision
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8641 Fiches technique(HTML) 3 Page - Analog Devices

  AD8641_15 Datasheet HTML 1Page - Analog Devices AD8641_15 Datasheet HTML 2Page - Analog Devices AD8641_15 Datasheet HTML 3Page - Analog Devices AD8641_15 Datasheet HTML 4Page - Analog Devices AD8641_15 Datasheet HTML 5Page - Analog Devices AD8641_15 Datasheet HTML 6Page - Analog Devices AD8641_15 Datasheet HTML 7Page - Analog Devices AD8641_15 Datasheet HTML 8Page - Analog Devices AD8641_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
50
750
μV
AD8643 LFCSP only
1
mV
–40°C < TA < +85°C
1.5
mV
+85°C < TA < +125°C, VCM = 1.5 V
1.6
mV
Input Bias Current
IB
0.25
1
pA
–40°C < TA < +125°C
180
pA
Input Offset Current
IOS
0.5
pA
–40°C < TA < +125°C
60
pA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.5 V
74
93
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 to 4.5 V
80
140
V/mV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +125°C
2.5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
4.95
V
IL = 1 mA, –40°C to +125°C
4.94
V
Output Voltage Low
VOL
0.05
V
IL = 1 mA, –40°C to +125°C
0.01
0.05
V
Output Current
IOUT
±6
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 26 V
90
107
dB
Supply Current/Amplifier
ISY
195
250
μA
–40°C < TA < +125°C
270
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
2
V/μs
Gain Bandwidth Product
GBP
AD8641, AD8642
3
MHz
AD8643
2.5
MHz
Phase Margin
Øm
50
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4.0
μV p-p
Voltage Noise Density
eN
f = 1 kHz
28.5
nV/√Hz
Current Noise Density
iN
f = 1 kHz
0.5
fA/√Hz


Numéro de pièce similaire - AD8641_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
More results

Description similaire - AD8641_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA140A-DIE TI1-OPA140A-DIE Datasheet
73Kb / 4P
[Old version datasheet]   HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com