Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-2541 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce HA-2541
Description  40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2541 Fiches technique(HTML) 4 Page - Intersil Corporation

  HA-2541 Datasheet HTML 1Page - Intersil Corporation HA-2541 Datasheet HTML 2Page - Intersil Corporation HA-2541 Datasheet HTML 3Page - Intersil Corporation HA-2541 Datasheet HTML 4Page - Intersil Corporation HA-2541 Datasheet HTML 5Page - Intersil Corporation HA-2541 Datasheet HTML 6Page - Intersil Corporation HA-2541 Datasheet HTML 7Page - Intersil Corporation HA-2541 Datasheet HTML 8Page - Intersil Corporation HA-2541 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Schematic Diagram
PROPAGATION DELAY
Test Circuits and Waveforms (Continued)
NOTES:
14. VS = ±15V, RL = 1kΩ.
15. TA = 25
oC.
16. Propagation delay variance is
negligible over full temperature range.
Vertical Scale: 100mV/Div.
Horizontal Scale: 5ns/Div.
VIN
VOUT
BALANCE
BALANCE
R8
R7
R9
QP13
QP15
R11
QP31
QN45
QN44
Z41
QP54
QN17
R1
R2
R3
R30
R32
R29
R31
R16
R17
R5
R13
R18
R20
R14
V-
V+
QN20
VOUT
QN27
QN28
QN34
R21
QN46
QN29
QN26
QN10
C1
QN23
QP30
QP32
QN47
QN42
QP25
QP7
QP5
QN21
QN49
QP11
-IN
+IN
QN1
QN2
R6
QN8
QN18
QN9
QN3
C2
QN4
QN43
R24
QN51
QN52
QN20
R4
QN22
R10
R12
R15
R28
R27
QP55
QP14
QP16
QP33
R23
R19
QN37
QN5
5K
5K
HA-2541


Numéro de pièce similaire - HA-2541

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541/883 INTERSIL-HA-2541/883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
More results

Description similaire - HA-2541

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com